Selected language     English  ā–¼


TDA4863G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. TDA4863G
Description  Boost Controller
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 11 page
background image
TDA4863
Functional Description
Data Sheet
11
V1.0, 2003-05
To prevent false tripping the zero current detector is designed as a Schmitt-Trigger with
a hysteresis of 0.5 V. An internal 5 V clamp protects the input from overvoltage
breakdown, a 0.6 V clamp prevents substrate injection. An external resistor has to be
used in series with the auxiliary winding to limit the current through the clamps.
2.8
Restart Timer
The restart timer function eliminates the need of an oscillator. The timer starts or restarts
the TDA4863 when the driver output has been off for more than 150 Āµs after the inductor
current reaches zero.
2.9
Undervoltage Lockout
An undervoltage lockout circuitry switches the IC on when V
CC reaches the upper
threshold V
CCH and switches the IC off when VCC is falling below the lower threshold VCCL.
During start up the supply current is less then 100 ĀµA.
An internal voltage clamp has been added to protect the IC from V
CC overvoltage
condition. When using this clamp special care must be taken on power dissipation.
Start up current is provided by an external start up resistor which is connected from the
AC line to the input supply voltage V
CC and a storage capacitor which is connected from
V
CC to ground. Be aware that this capacitor is discharged before the IC is plugged into
the application board. Otherwise the IC can be destroyed due to the high capacitor
voltage.
Bootstrap power supply is created with the previous mentioned auxiliary winding and a
diode (see ā€œApplication Circuitā€ on Page 21).
2.10
Gate Drive
The TDA4863 totem pole output stage is MOSFET compatible. An internal protection
ciruitry is activated when V
CC is within the start up phase and ensures that the MOSFET
is turned off. The totem pole output has been optimized to minimize cross conduction
current during high speed operation.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT1950Single Switch PWM Controller with Auxiliary Boost Converter 1 2 3 4 5 MoreLinear Technology
M62445FPDIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LTC1871Wide Input Range No RSENSE Current Mode Boost Flyback and SEPIC Controller 1 2 3 4 5 MoreLinear Technology
SC1408LOW VOLTAGE BOOST DC-DC CONTROLLER 1 2 3 4 5 MoreSemtech Corporation
SI9168Synchronous Buck or Boost Controller for 2-Cell Li+ Battery Operated Portable Communication Devices 1 2 3 4 5 MoreVishay Siliconix
CXD3027RCD Digital Signal Processor with Built-in Digital Servo + Shock-Proof Memory Controller + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
CXD3048RCD Digital Signal Processor with Built-in Digital Servo + Shock-proof Memory Controller + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
CXD3029RCD Digital Signal Processor with Built-in Digital Servo + Shock-proof Memory Controller + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
SI9161Optimized-Efficiency Controller for RF Power Amplifier Boost Converter 1 2 3 4 5 MoreVishay Siliconix
SI9160Controller for RF Power Amplifier Boost Converter 1 2 3 4 5 MoreVishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl