Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4254BM-AFPG3 Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U4254BM-AFPG3
Description  Low-Noise AM/FM Antenna Impedance Matching IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4254BM-AFPG3 Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button U4254BM-AFPG3 Datasheet HTML 2Page - TEMIC Semiconductors U4254BM-AFPG3 Datasheet HTML 3Page - TEMIC Semiconductors U4254BM-AFPG3 Datasheet HTML 4Page - TEMIC Semiconductors U4254BM-AFPG3 Datasheet HTML 5Page - TEMIC Semiconductors U4254BM-AFPG3 Datasheet HTML 6Page - TEMIC Semiconductors U4254BM-AFPG3 Datasheet HTML 7Page - TEMIC Semiconductors U4254BM-AFPG3 Datasheet HTML 8Page - TEMIC Semiconductors U4254BM-AFPG3 Datasheet HTML 9Page - TEMIC Semiconductors U4254BM-AFPG3 Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
U4254BM
TELEFUNKEN Semiconductors
Rev. A1, 01-Jul-97
6 (12)
Electrical Characteristics
See test circuit
VS = 8 V, Tamb = 25°C, unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pin 14
Vs
7.2
8
8.8
V
Supply currents
Pin 14
Is
4
mA
Reference voltage 1 output
(I12 = 0)
Pin 12
VRef1
5.5
V
Reference voltage 2 output
(I5 = 0)
Pin 5
VRef2
2.6
V
Temperature dependence of
VREF2
Pin 5
VRef2/
DT
–1
mV/K
AM amplifier
Input resistance
Pin 8
RAMIN
470
k
W
Input capacitance
Pin 8
CAMIN
10
pF
Output resistance
Pin 10
ROUT
125
W
Voltage gain
Pin 10 / Pin 8
a
0.85
Output noise voltage
(rms value)
Pin 10
S1 switched to 2; B = 6 kHz
150 kHz to 300 kHz
500 kHz to 6.5 kHz
VN1
VN2
–2
–6
dB
µV
dB
µV
2nd harmonic
Pin 10
S2 switched to 1
fAMIN = 500 kHz,
Output voltage = 110 dB
µV
–65
dBc
FM amplifier
Supply current limit
IAGC, IAGCADJ = 0 A, Pin 15
I15
33
35
mA
Input resistance
f = 100 MHz
Pin 1
RFMIN
50
W
Output resistance
f = 100 MHz
Pin 15
RFMOUT
50
W
Power gain
f = 100 MHz Pin 15/ Pin 1
G
5
dB
Output noise voltage
Pin 15
f = 100 MHz, B = 120 kHz
VN
0
dB
µV
3rd order output intercept
f = 100 MHz
Pin 15
132
dB
µV
AGC
AGC input voltage threshold
f = 100 MHz
Pin 15
S2 switched to 1;
AGC threshold DC current is
10
µA at Pin 4
Vth1
96
dB
µV
AGC input voltage threshold
f = 100 MHz
Pin 15
S2 switched to 2;
AGC threshold DC current is
10
µA at Pin 4
Vth2
106
dB
µV
AGC output current
AGC active
IAGC
1.2
mA


Similar Part No. - U4254BM-AFPG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4254BM-M ATMEL-U4254BM-M Datasheet
168Kb / 14P
   Low-noise AM/FM Antenna Impedance Matching IC
U4254BM-MFP ATMEL-U4254BM-MFP Datasheet
168Kb / 14P
   Low-noise AM/FM Antenna Impedance Matching IC
U4254BM-MPG3 ATMEL-U4254BM-MPG3 Datasheet
168Kb / 14P
   Low-noise AM/FM Antenna Impedance Matching IC
More results

Similar Description - U4254BM-AFPG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4254BM-M ATMEL-U4254BM-M Datasheet
168Kb / 14P
   Low-noise AM/FM Antenna Impedance Matching IC
ATR4251 ATMEL-ATR4251 Datasheet
374Kb / 21P
   Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
logo
Maxim Integrated Produc...
MAX2180A MAXIM-MAX2180A Datasheet
745Kb / 1P
   AM/FM Car Antenna Low-Noise Amplifier
Rev 2; 3/14
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
logo
List of Unclassifed Man...
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
   FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
   AM/FM RADIO IC
logo
ATMEL Corporation
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
logo
Toshiba Semiconductor
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
   AM/FM Radio IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com