Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25706DGK Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25706DGK
Description  HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC25706DGK Datasheet(HTML) 4 Page - Texas Instruments

  UCC25706DGK Datasheet HTML 1Page - Texas Instruments UCC25706DGK Datasheet HTML 2Page - Texas Instruments UCC25706DGK Datasheet HTML 3Page - Texas Instruments UCC25706DGK Datasheet HTML 4Page - Texas Instruments UCC25706DGK Datasheet HTML 5Page - Texas Instruments UCC25706DGK Datasheet HTML 6Page - Texas Instruments UCC25706DGK Datasheet HTML 7Page - Texas Instruments UCC25706DGK Datasheet HTML 8Page - Texas Instruments UCC25706DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UCC25705, UCC25706, UCC35705, UCC35706
HIGHSPEED VOLTAGE MODE PULSE WIDTH MODULATOR
SLUS473A – NOVEMBER 1999 – REVISED MARCH 2001
4
www.ti.com
pin descriptions
DISCH: A resistor to VIN sets the oscillator discharge current programming a maximum duty cycle. When grounded,
an internal comparator switches the oscillator to a quick discharge mode. A small 100-pF capacitor between DISCH
and GND may reduce oscillator jitter without impacting feed-forward performance. IDISCH must be between 25 µA
and 250
µA over the entire VIN range.
FB: Input to the PWM comparator. This pin is intended to interface with an optocoupler. Input impedance is 50-k
typical.
GND: Ground return pin.
ILIM: Provides a pulse-by-pulse current limit by terminating the PWM pulse when the input is above 200 mV. This
provides a high speed (25 ns typical) path to reset the PWM latch, allowing for a pulse-by-pulse current limit.
OUT: The output is intended to drive an external FET driver or other high impedance circuits, but is not intended to
directly drive a power MOSFET. This improves the controller’s noise immunity. The output resistance of the PWM
controller, typically 60
Ω pull-up and 30 Ω pull-down, will result in excessive rise and fall times if a power MOSFET
is directly driven at the speeds for which the UCC35705/6 is optimized.
RC: The oscillator can be configured to provide a maximum duty cycle clamp. In this mode the on–time is set by RT
and CT, while the off-time is set by RDISCH and CT. Since the voltage ramp on CT is proportional to VIN, feed-forward
action is obtained. Since the peak oscillator voltage is also proportional to VIN, constant frequency operation is
maintained over the full power supply input range. When the DISCH pin is grounded, the duty cycle clamp is disabled.
The RC pin then provides a low impedance path to ground CT during the off time.
VDD: Power supply pin. This pin should be bypassed with a 0.1-
µF capacitor for proper operation. The undervoltage
lockout function of the UCC35705/6 allows for a low current startup mode and ensures that all circuits become active
in a known state. The UVLO thresholds on the UCC35705 are appropriate for a dc-to-dc converter application. The
wider UVLO hysteresis of the UCC35706 (typically 4 V) is optimized for a bootstrap startup mode from a high
impedance source.
VFF: The feed-forward pin provides the controller with a voltage proportional to the power supply input voltage. When
the oscillator is providing a duty cycle clamp, a current of 2
× IDISCH is sourced from the VFF pin. A single resistor
RFF between VFF and GND then set VFF to:
VFF
[ VIN
2
R
FF
2
R
FF ) RDISCH
When the DISCH pin is grounded and the duty cycle clamp is not used, the internal current source is disabled and
a resistor divider from VIN is used to set VFF. In either case, when the voltage on VFF is less than 1.0 V, both the
output and oscillator are disabled.


Similar Part No. - UCC25706DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706DGKG4 TI1-UCC25706DGKG4 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results

Similar Description - UCC25706DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com