Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA895TD Datasheet(PDF) 8 Page - NEC

Part # UPA895TD
Description  NPN SILICON RF TWIN TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA895TD Datasheet(HTML) 8 Page - NEC

Back Button UPA895TD Datasheet HTML 2Page - NEC UPA895TD Datasheet HTML 3Page - NEC UPA895TD Datasheet HTML 4Page - NEC UPA895TD Datasheet HTML 5Page - NEC UPA895TD Datasheet HTML 6Page - NEC UPA895TD Datasheet HTML 7Page - NEC UPA895TD Datasheet HTML 8Page - NEC UPA895TD Datasheet HTML 9Page - NEC UPA895TD Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UPA895TD
TYPICAL SCATTERING PARAMETERS
UPA895TD Q2
VCE = 2 V, IC = 20 mA
Frequency
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.100
0.575
-80.7
32.678
135.7
0.021
58.6
0.711
-40.1
0.296
31.88
0.200
0.555
-121.1
21.589
115.2
0.030
51.5
0.474
-57.3
0.485
28.63
0.300
0.543
-141.3
15.485
104.6
0.035
51.3
0.349
-64.3
0.653
26.46
0.400
0.544
-152.8
11.960
98.0
0.040
53.3
0.280
-68.2
0.767
24.74
0.500
0.545
-160.7
9.721
93.1
0.045
55.7
0.238
-70.8
0.854
23.34
0.600
0.549
-166.7
8.180
89.2
0.050
57.8
0.211
-72.8
0.911
22.10
0.700
0.552
-171.5
7.050
85.8
0.056
59.6
0.193
-75.0
0.955
21.00
0.800
0.557
-175.3
6.195
82.8
0.062
61.1
0.181
-77.1
0.985
20.03
0.900
0.560
-178.6
5.523
80.1
0.067
62.3
0.171
-79.5
1.009
18.56
1.000
0.566
178.5
4.989
77.5
0.073
63.2
0.165
-82.2
1.021
17.44
1.100
0.569
175.8
4.540
75.0
0.079
64.0
0.159
-85.3
1.036
16.42
1.200
0.572
173.5
4.170
72.7
0.085
64.6
0.156
-88.3
1.046
15.58
1.300
0.576
171.3
3.854
70.4
0.091
65.0
0.153
-91.7
1.055
14.82
1.400
0.580
169.3
3.583
68.3
0.097
65.3
0.152
-95.2
1.060
14.17
1.500
0.584
167.4
3.347
66.2
0.103
65.4
0.151
-98.7
1.064
13.56
1.600
0.588
165.6
3.141
64.2
0.110
65.7
0.152
-102.3
1.066
13.01
1.700
0.592
164.0
2.960
62.2
0.116
65.7
0.153
-105.9
1.064
12.53
1.800
0.598
162.5
2.799
60.3
0.122
65.6
0.156
-109.4
1.061
12.09
1.900
0.604
161.0
2.657
58.4
0.129
65.5
0.159
-113.0
1.054
11.73
2.000
0.608
159.7
2.527
56.5
0.135
65.4
0.163
-116.5
1.052
11.34
2.100
0.615
158.4
2.412
54.8
0.141
65.2
0.168
-120.1
1.043
11.05
2.200
0.619
157.4
2.307
53.0
0.148
65.0
0.173
-123.5
1.037
10.75
2.300
0.624
156.3
2.210
51.2
0.154
64.7
0.178
-127.2
1.032
10.48
2.400
0.629
155.3
2.121
49.6
0.161
64.4
0.184
-130.2
1.025
10.23
2.500
0.633
154.3
2.039
47.9
0.167
64.1
0.190
-133.3
1.021
9.99
2.600
0.637
153.4
1.963
46.3
0.173
63.7
0.197
-136.0
1.014
9.81
2.700
0.640
152.7
1.894
44.7
0.180
63.4
0.204
-138.7
1.009
9.64
2.800
0.644
151.9
1.831
43.1
0.187
63.1
0.212
-140.8
1.000
9.87
2.900
0.647
151.1
1.772
41.7
0.194
62.6
0.220
-143.2
0.993
9.62
3.000
0.651
150.4
1.718
40.2
0.200
62.2
0.229
-145.1
0.984
9.33
Q2
Q2
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
50
10
25
100
S11
S22
+90º
+135º
-135º
-90º
-45º
+45º
+0º
.2
.4
.8
.6
1
+180º
S21
S12
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain


Similar Part No. - UPA895TD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
   NPN SILICON RF TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA895TD RENESAS-UPA895TD Datasheet
292Kb / 13P
   NPN SILICON RF TWIN TRANSISTOR
2003
UPA895TD-T3 RENESAS-UPA895TD-T3 Datasheet
292Kb / 13P
   NPN SILICON RF TWIN TRANSISTOR
2003
logo
California Eastern Labs
UPA895TD-T3-A CEL-UPA895TD-T3-A Datasheet
271Kb / 11P
   NPN SILICON RF TWIN TRANSISTOR
More results

Similar Description - UPA895TD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
   NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
   NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
   NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
   NPN SILICON RF TWIN TRANSISTOR
2008
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
   NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
   NPN Silicon RF TWIN Transistor
2005-10-11
logo
Renesas Technology Corp
UPA873TD RENESAS-UPA873TD Datasheet
328Kb / 19P
   NPN SILICON RF TWIN TRANSISTOR
2002
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
   NPN SILICON RF TWIN TRANSISTOR
1999
UPA831TD RENESAS-UPA831TD Datasheet
273Kb / 8P
   NPN SILICON RF TWIN TRANSISTOR
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com