Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N2833RB Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANTX1N2833RB
Description  50 Watt Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N2833RB Datasheet(HTML) 3 Page - Microsemi Corporation

  JANTX1N2833RB Datasheet HTML 1Page - Microsemi Corporation JANTX1N2833RB Datasheet HTML 2Page - Microsemi Corporation JANTX1N2833RB Datasheet HTML 3Page - Microsemi Corporation JANTX1N2833RB Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
50 Watt Zener Diodes
SCOTTSD A L E DIVISION
1N2804 thru 1N2846B and
1N4557 thru 1N4564B
NOTES:
1.
The JEDEC type numbers shown (B suffix) have a +/- 5% tolerance on nominal zener voltage. The suffix A is used to identify +/-10%
tolerance; no suffix indicates +/-20% tolerance. If tighter tolerance is required, consult factory. Standard polarity units have the anode
connected to the case. Reverse polarity (cathode-to-case) units are available and are indicated by suffix R in the part number.
2.
Zener Voltage (VZ) is measured with junction in thermal equilibrium with 30
oC base temperature. The test currents (IZT) have been selected
so that at nominal voltages the dissipation is a constant 12.5 watts. This results in a nominal junction temperature rise of 18.75
oC .
3.
The zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc
zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at 2 points to ensure a sharp knee on the breakdown
curve and to eliminate unstable units. A curve showing the variation of zener impedance vs. zener current for six representative types is
shown in Figure 3. Also see MicroNote 202 for further information.
4.
The values of IZM are calculated for a +/-5% tolerance on nominal zener voltage. Allowance has been made for the rise in zener voltage
above VZT that results from zener impedance and the increase in junction temperature as power dissipation approaches 50 watts. In the
case of individual diodes, IZM is that value of current that results in a dissipation of 50 watts.
GRAPHS AND CIRCUITS
Typical circuit connections for anode-to-case and
cathode-to-case polarities (standard and reverse
polarities, respectively).
Case
Temperature
oC
FIGURE 2
POWER DERATING CURVE
FIGURE GROUP 3
TYPICAL ZENER IMPEDANCE vs. ZENER CURRENT FOR TYPES SHOWN
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2003
11-12-2003 REV A


Similar Part No. - JANTX1N2833RB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N2970 MICROSEMI-JANTX1N2970 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
JANTX1N2970A MICROSEMI-JANTX1N2970A Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
JANTX1N2970B MICROSEMI-JANTX1N2970B Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
JANTX1N2970B MICROSEMI-JANTX1N2970B Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
JANTX1N2970BE3 MICROSEMI-JANTX1N2970BE3 Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
More results

Similar Description - JANTX1N2833RB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com