Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC35705DGK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC35705DGK
Description  HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC35705DGK Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC35705DGK Datasheet HTML 3Page - Texas Instruments UCC35705DGK Datasheet HTML 4Page - Texas Instruments UCC35705DGK Datasheet HTML 5Page - Texas Instruments UCC35705DGK Datasheet HTML 6Page - Texas Instruments UCC35705DGK Datasheet HTML 7Page - Texas Instruments UCC35705DGK Datasheet HTML 8Page - Texas Instruments UCC35705DGK Datasheet HTML 9Page - Texas Instruments UCC35705DGK Datasheet HTML 10Page - Texas Instruments UCC35705DGK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UCC25705, UCC25706, UCC35705, UCC35706
HIGHSPEED VOLTAGE MODE PULSE WIDTH MODULATOR
SLUS473A – NOVEMBER 1999 – REVISED MARCH 2001
7
www.ti.com
FUNCTIONAL DESCRIPTION
component selection for oscillator with duty cycle clamp (MODE = 1)
For a power converter with the following specifications:
D VIN(min) = 18 V
D VIN(max) = 75 V
D VIN(shutdown) = 15 V
D FOSC = 1 MHz
D DMAX = 0.78 at VIN(min)
In this mode, the on-time is approximately:
D TON(max) = 780 ns
D TOFF(min) = 220 ns
D VFF(min) = 18
15
= 1.20 V
(1) Pick CT = 220 pF.
(2) Calculate RT.
R
T +
V
IN min
T
ON(max)
V
FF min
C
T
RT = 51.1 kΩ
(3) RDISCH
R
DISCH +
30
R
T
1
)
V
FF(min)
V
IN(min)
R
T
C
T
T
OFF(min)
RDISCH = 383 kΩ.
IDISCH must be between 25 µA and 250 µA over the entire VIN range.
With the calculated values, IDISCH ranges from 44 µA to 193 µA, within the allowable range. If IDISCH is too high, CT
must be decreased.
(4) RFF
R
FF +
V
FF(min)
R
DISCH
2
V
IN(min) * 1
The nearest 1% standard value to the calculated value is 13.7 k.


Similar Part No. - UCC35705DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC35705DGKG4 TI1-UCC35705DGKG4 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results

Similar Description - UCC35705DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com