Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE202M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VRE202M
Description  Precision Surface Mount Reference Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE202M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VRE202M Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE202M Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE202M Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE202M Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE202M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION
The following discussion refers to the schematic
below. A FET current source is used to bias a 6.3
zener diode. The zener voltage is divided by the
resistor network R1 and R2. This voltage is then
applied to the noninverting input of the operational
amplifier which amplifies the voltage to produce a
2.5000V output. The gain is determined by the
resistor networks R3 and R4: G=1 + R4/R3. The 6.3
zener diode is used because it is the most stable
diode over time and temperature.
The current source provides a closely regulated
zener current, which determines the slope of the
references’ voltage vs. temperature function.
By
trimming the zener current a lower drift over
temperature can be achieved. But since the voltage
vs.
temperature
function
is
nonlinear
this
compensation technique is not well suited for wide
temperature ranges.
Thaler Corporation has developed a nonlinear
compensation network of thermistors and resistors
that is used in the VRE series voltage references.
This proprietary network eliminates most of the
nonlinearity in the voltage vs. temperature function.
By then adjusting the slope, Thaler Corporation
produces
a
very
stable
voltage
over
wide
temperature ranges. This network is less than 2% of
the overall network resistance so it has a negligible
effect on long term stability. By using highly stable
resistors in our network, we produce a voltage
reference that also has very good long term stability.
VRE202
FIGURE 1
APPLICATION INFORMATION
Figure 2 shows the proper connection of the
VRE202 series voltage references with the optional
trim resistors. Pay careful attention to the circuit
layout to avoid noise pickup and voltage drops in the
lines.
The VRE202 series voltage references have the
ground terminal brought out on two pins (pin 9 and
pin 10) which are connected together internally. This
allows the user to achieve greater accuracy when
using a socket. Voltage references have a voltage
drop across their power supply ground pin due to
quiescent
current
flowing
through
the
contact
resistance. If the contact resistance was constant with
time and temperature, this voltage drop could be
trimmed out. When the reference is plugged into a
socket, this source of error can be as high as 20ppm.
By connecting pin 10 to the power supply ground and
pin 9 to a high impedance ground point in the
measurement circuit, the error due to the contact
resistance can be eliminated. If the unit is soldered
into place, the contact resistance is sufficiently small
that it does not effect performance.
VRE202DS REV. D NOV 2000


Similar Part No. - VRE202M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE202M ETC2-VRE202M Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE202M CIRRUS-VRE202M Datasheet
296Kb / 4P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE202MA ETC2-VRE202MA Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE202MA CIRRUS-VRE202MA Datasheet
296Kb / 4P
   Precision Voltage Reference
More results

Similar Description - VRE202M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
VRE114 ETC-VRE114 Datasheet
307Kb / 5P
   Precision Reference Supplies
VRE105 ETC1-VRE105 Datasheet
224Kb / 5P
   Precision Reference Supplies
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
   Precision Reference Supplies
VRE117 ETC2-VRE117 Datasheet
425Kb / 5P
   Precision Reference Supplies
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
   Precision Reference Supplies
VRE204 ETC-VRE204 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE205 ETC1-VRE205 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com