Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS256K64-20G4WM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS256K64-20G4WM
Description  256Kx64 SRAM MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS256K64-20G4WM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS256K64-20G4WM Datasheet HTML 1Page - List of Unclassifed Manufacturers WS256K64-20G4WM Datasheet HTML 2Page - List of Unclassifed Manufacturers WS256K64-20G4WM Datasheet HTML 3Page - List of Unclassifed Manufacturers WS256K64-20G4WM Datasheet HTML 4Page - List of Unclassifed Manufacturers WS256K64-20G4WM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
Parameter
Symbol
Condition
Max
Unit
Output Enable Capacitance
COE
VIN = 0V, f = 1.0MHz
50
pF
Write Enable Capacitance
CWE
VIN = 0V, f = 1.0MHz
20
pF
Chip Select Capacitance
CCS
VIN = 0V, f = 1.0MHz
20
pF
Data I/OCapacitance
CI/O
VIN = 0V, f = 1.0MHz
20
pF
Address Input Capacitance
CAD
VIN = OV, f = 1.OMHZ
50
pF
This parameter is guaranteed by design but not tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
Vcc + 0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
RECOMMENDED OPERATING CONDITIONS
CAPACITANCE
(TA = +25
°C)
DC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Sym
Conditions
Units
Min
Max
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS = VIH, OE = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current
ICC
CS = VIL, OE = VIH, f = 5MHz, Vcc = 5.5
920
mA
Standby Current
ISB
CS = VIH, OE = VIH, f = 5MHz, Vcc = 5.5
68
mA
Output Low Voltage
VOL
IOL = 8mA, VCC = 4.5
0.4
V
Output High Voltage
VOH
IOH = -4.0mA, VCC = 4.5
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
TRUTH TABLE
CS
OE
WE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Active
WS256K64-XG4WX


Similar Part No. - WS256K64-20G4WM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS256K32-20G4C ETC1-WS256K32-20G4C Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS256K32-20G4CA ETC1-WS256K32-20G4CA Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS256K32-20G4I ETC1-WS256K32-20G4I Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS256K32-20G4IA ETC1-WS256K32-20G4IA Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS256K32-20G4M ETC1-WS256K32-20G4M Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
More results

Similar Description - WS256K64-20G4WM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
WS256K32-XXX ETC1-WS256K32-XXX Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WS128K48V-15G4 ETC-WS128K48V-15G4 Datasheet
151Kb / 5P
   128Kx48 3.3V SRAM MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com