Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1214B5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XE1214B5
Description  1200bps Component Modem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1214B5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XE1214B5 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 9Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 10Page - List of Unclassifed Manufacturers XE1214B5 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
XE1214B5
7\XECOM
AT Data Commands
AT
Command line prefix; Must preceed all of the commands, except for the A/ command.
A
Answer incoming call immediately.
A/
Re-execute last command line, don't precede this command with AT or press <Enter> at the end of the
command line
B
Uses Bell or CCITT z answer tone at 1200 bps
C
Modem carrier signal on
Dn
Dial telephone number n; you can also include the following Dial string modifiers:
P
Pulse dialing
R
Originate call in answer mode
T
Touch-Tone dial
;
Return to Command Mode after dialing
,
Pause (default 2 seconds; see register S8)
!
0.5-second hookflash
/
Wait for 1/8 second
@ Wait for silence (default 5 seconds)
W Wait for dial tone (default 30 secs; see register S7)
E
Command echo
F
Full or half Duplex
H
switch hook control
I
Product code
L
Speaker volume
M
Speakercontrol
O
Return to on-line mode
Q
Result codes (default)
Sr?
Read and display value of register r
Sr=n
Set register r value to n
V
Full Word or numeric result codes
X4
Response set,
Y
Long space disconnect disabled
Z
Resets modem and sets modem to factory default states
Result Code Summary
Digit
Code
Word Code Meaning
0
OK
Successfully executed command line
1
CONNECT
300 bps connection established
2
RING
Ring signal detected
3
NO CARRIER
Carrier not detected within Register S7 detect time
4
ERROR
Error found in command line; returns to command line
5
CONNECT 1200
1200 bps connection established
6
NO DIAL TONE
No dial tone detected within 5 Sec. after going off-hook
7
BUSY
Busy signal detected after automatically dialing a call
8
NO ANSWER
Five seconds of silence was not detected when using the
@ command in the Dial command line
Note: When the XE1214B5 detects ringing on the telephone line, it sends a Ring result code.
However, the XE1214B5 will answer call only if it is in auto-answer mode (ATSO>0) or is
given an ATA.


Similar Part No. - XE1214B5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1218 ETC1-XE1218 Datasheet
110Kb / 9P
   FM 130 - 230 MHz LOW-POWER VHF RECEIVER
XE1218A ETC-XE1218A Datasheet
192Kb / 11P
   Low Power single die FM receiver
XE1218AS000BF ETC-XE1218AS000BF Datasheet
192Kb / 11P
   Low Power single die FM receiver
More results

Similar Description - XE1214B5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD22212 ETC1-CD22212 Datasheet
101Kb / 1P
   CMOS SINGLE - CHIP 1200BPS MODEM
XE2401L ETC-XE2401L Datasheet
80Kb / 12P
   2400bps Serial Input Component Modem
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com