Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP132A1545SR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XP132A1545SR
Description  Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP132A1545SR Datasheet(HTML) 3 Page - Torex Semiconductor

  XP132A1545SR Datasheet HTML 1Page - Torex Semiconductor XP132A1545SR Datasheet HTML 2Page - Torex Semiconductor XP132A1545SR Datasheet HTML 3Page - Torex Semiconductor XP132A1545SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
395
u
-32
-28
-24
-20
-16
-12
-8
-4
0
-5
-4
-3
-2
-1
0
Pulse Test, Ta = 25℃
-3V
-3.5V
-10V
-4.5V
-4V
-5V
-32
-28
-24
-20
-16
-12
-8
-4
0
-5
-4
-3
-2
-1
0
125℃
25℃
0
0.02
0.04
0.06
0.08
0.1
-10
-8
-6
-4
-2
0
Drain / Source On-State Resistance
vs. Gate / Source Voltage
Pulse Test, Ta = 25℃
-4A
0.01
0.1
-32
-28
-24
-20
-16
-12
-8
-4
0
Vgs=-4.5V
-10V
Pulse Test, Ta = 25℃
■ Electrical Characteristics
Drain / Source Voltage:Vds ( V )
Gate / Source Voltage:Vgs (V)
Drain Current vs. Drain / Source Voltage
Drain Current vs. Gate / Source Voltage
Ta=-55℃
Id=-8A
Vgs=-2.5V
Drain / Source On-State Resistance
vs. Drain Current
Gate / Source Voltage:Vgs (V)
Drain Current:Id (A)
Pulse Test, Ta = 25℃
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-50
0
50
100
150
Pulse Test
Ambient Temperature:Topr (
℃)
-10V
-4A, -8A
-4A
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-50
0
50
100
150
Vds=-10V, Id=-1mA
Drain / Source On-State Resistance
vs. Ambient Temp.
Gate / Source Cut Off Voltage Variance
vs. Ambient Temp.
Vgs=-4.5V
Ambient Temperature:Topr (
℃)
Id=-8A


Similar Part No. - XP132A1545SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP132A1545SR TOREX-XP132A1545SR Datasheet
438Kb / 5P
   Power MOSFET
XP132A1545SR TOREX-XP132A1545SR_1 Datasheet
438Kb / 5P
   Power MOSFET
More results

Similar Description - XP132A1545SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP132A11A1SR TOREX-XP132A11A1SR Datasheet
68Kb / 4P
   Power MOS FET
XP151A03A7MR TOREX-XP151A03A7MR Datasheet
54Kb / 4P
   Power MOS FET
XP162A11COPR TOREX-XP162A11COPR Datasheet
59Kb / 4P
   Power MOS FET
XP151A13A0MR TOREX-XP151A13A0MR Datasheet
57Kb / 4P
   Power MOS FET
logo
List of Unclassifed Man...
XP133A1235SR ETC1-XP133A1235SR Datasheet
60Kb / 4P
   Power MOS FET
logo
Torex Semiconductor
XP132A1635SR TOREX-XP132A1635SR Datasheet
56Kb / 4P
   Power MOS FET
XP133A1145SR TOREX-XP133A1145SR Datasheet
161Kb / 4P
   Power MOS FET
XP162A12A6PR TOREX-XP162A12A6PR Datasheet
52Kb / 4P
   Power MOS FET
0770_XP152A01D8MR TOREX-0770_XP152A01D8MR Datasheet
156Kb / 4P
   Power MOS FET
0783_XP161A11A1PR TOREX-0783_XP161A11A1PR Datasheet
134Kb / 4P
   Power MOS FET
0790_XP162A01B5PR TOREX-0790_XP162A01B5PR Datasheet
163Kb / 4P
   Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com