Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT8020 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT8020
Description  650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8020 Datasheet(HTML) 2 Page - Exar Corporation

  XRT8020 Datasheet HTML 1Page - Exar Corporation XRT8020 Datasheet HTML 2Page - Exar Corporation XRT8020 Datasheet HTML 3Page - Exar Corporation XRT8020 Datasheet HTML 4Page - Exar Corporation XRT8020 Datasheet HTML 5Page - Exar Corporation XRT8020 Datasheet HTML 6Page - Exar Corporation XRT8020 Datasheet HTML 7Page - Exar Corporation XRT8020 Datasheet HTML 8Page - Exar Corporation XRT8020 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
XRT8020
650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
REV. 1.0.2
2
ORDERING INFORMATION
FIGURE 2. XRT8020 PIN LOCATION -(TOP VIEW)
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT8020IL
16 - Pin QFN
-40°Cto +85°C
1
2
3
4
12
11
10
9
XRT8020


Similar Part No. - XRT8020

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000 EXAR-XRT8000 Datasheet
611Kb / 24P
   Clock Synchronizer/Adapter for Communications
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000ID EXAR-XRT8000ID Datasheet
611Kb / 24P
   Clock Synchronizer/Adapter for Communications
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results

Similar Description - XRT8020

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8010 EXAR-XRT8010 Datasheet
256Kb / 13P
   312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
   Crystal Oscillator & Multiplier with 8 Low Skew Outputs
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
   Crystal Oscillator & Multiplier with 8 Low Skew Outputs
logo
QUARTZCOM the communica...
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
   LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
logo
Integrated Device Techn...
ICS844N255I IDT-ICS844N255I Datasheet
1Mb / 21P
   Six differential LVDS clock outputs
logo
Analog Devices
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
   JESD204B Clock Generator with 14 LVDS/HSTL Outputs
logo
Renesas Technology Corp
ICS844625I RENESAS-ICS844625I Datasheet
523Kb / 25P
   Crystal-to-LVDS Clock Synthesizer
JUNE 3, 2016
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
Integrated Circuit Syst...
ICS556-01 ICST-ICS556-01 Datasheet
144Kb / 6P
   BROADCOM 25 MHZ LVDS CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com