Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76833QDG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS76833QDG4
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76833QDG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS76833QDG4 Datasheet HTML 1Page - Texas Instruments TPS76833QDG4 Datasheet HTML 2Page - Texas Instruments TPS76833QDG4 Datasheet HTML 3Page - Texas Instruments TPS76833QDG4 Datasheet HTML 4Page - Texas Instruments TPS76833QDG4 Datasheet HTML 5Page - Texas Instruments TPS76833QDG4 Datasheet HTML 6Page - Texas Instruments TPS76833QDG4 Datasheet HTML 7Page - Texas Instruments TPS76833QDG4 Datasheet HTML 8Page - Texas Instruments TPS76833QDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
See application information section for capacitor selection details.
PG
OUT
OUT
7
6
5
IN
IN
EN
GND
3
16
14
13
VI
0.1
µF
PG
VO
10
µF
+
TPS768xx
Co†
TPS76815Q, TPS76818Q, TPS76825Q
TPS76827Q, TPS76828Q, TPS76830Q
TPS76833Q, TPS76850Q, TPS76801Q
SLVS211J – JUNE 1999 – REVISED OCTOBER 2004
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 230 mV at
an output current of 1 A for the TPS76850) and is directly proportional to the output current. Additionally, since
the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output
loading (typically 85 µA over the full range of output current, 0 mA to 1 A). These two key specifications yield a
significant improvement in operating life for battery-powered systems. This LDO family also features a sleep
mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to less
than 1 µA at TJ = 25°C.
Power good (PG) is an active high output, which can be used to implement a power-on reset or a low-battery
indicator.
The TPS768xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V, and 5.0-V fixed-voltage versions and
in an adjustable version (programmable over the range of 1.2 V to 5.5 V). Output voltage tolerance is specified
as a maximum of 2% over line, load, and temperature ranges. The TPS768xx family is available in 8-pin SOIC
and 20-pin PWP packages.
AVAILABLE OPTIONS
OUTPUT VOLTAGE (V)
PACKAGED DEVICES(1)
TJ
TYP
TSSOP (PWP)
SOIC (D)
5.0
TPS76850Q
TPS76850Q
3.3
TPS76833Q
TPS76833Q
3.0
TPS76830Q
TPS76830Q
2.8
TPS76828Q
TPS76828Q
40
°C to 125°C
2.7
TPS76827Q
TPS76827Q
2.5
TPS76825Q
TPS76825Q
1.8
TPS76818Q
TPS76818Q
1.5
TPS76815Q
TPS76815Q
Adjustable 1.2 V to 5.5 V
TPS76801Q
TPS76801Q
(1)
The TPS76801 is programmable using an external resistor divider (see application information). The D and PWP packages are available
taped and reeled. Add an R suffix to the device type (e.g., TPS76801QDR).
Figure 1. Typical Application Configuration (For Fixed Output Options)
2


Similar Part No. - TPS76833QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76833QDG4 TI-TPS76833QDG4 Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76833QDG4 TI-TPS76833QDG4 Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76833QDG4 TI1-TPS76833QDG4 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76833QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com