Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5648 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5648
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5648 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5648 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5648
No.7327-3/6
0
4
2
6
8
10
12
14
16
18
1.0
23
5
7
10
23
0
1
3
4
7
2
5
6
1.0
23
5
7
10
23
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
NF -- IC
コレクタ電流, IC -- mA
PC -- Ta
周囲温度, Ta --
°C
IT05352
IT05354
S21e2 -- IC
コレクタ電流, IC -- mA
S21e2 -- IC
コレクタ電流, IC -- mA
IT05350
IT05351
0
8
6
4
2
10
12
14
16
18
Zs=50
Zs=Zsopt
VCE=3V
1V
f=1GHz
1.0
23
5
7
10
23
VCE=3V
1V
f=2GHz
VCE=1V
f=2GHz
1.0
23
5
7
10
23
0
1
3
4
2
5
6
7
NF -- IC
コレクタ電流, IC -- mA
IT05353
Zs=50
Zs=Zsopt
VCE=3V
f=2GHz


Similar Part No. - 2SC5648

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5646 SANYO-2SC5646 Datasheet
31Kb / 6P
   UHF to S Band Low-Noise Amplifier andOSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
logo
ON Semiconductor
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
   RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
More results

Similar Description - 2SC5648

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com