Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS512K8-35CIA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS512K8-35CIA
Description  512Kx8 SRAM MODULE, SMD 5962-92078
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS512K8-35CIA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS512K8-35CIA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS512K8-35CIA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS512K8-35CIA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS512K8-35CIA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS512K8-35CIA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS512K8-35CIA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
WS512K8-XCX
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
DEVICE GRADE:
Q = MIL-STD-883 Compliant
M = Military Screened
-55
°C to +125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0
°C to +70°C
PACKAGE:
C = Ceramic 0.600" DIP (Package 300)
ACCESS TIME (ns)
ORGANIZATION, 512K x 8
SRAM
WHITE MICROELECTRONICS
ORDERING INFORMATION
DEVICE TYPE
SPEED
PACKAGE
SMD NO.
512K x 8 SRAM
45ns
32 pin DIP
5962-92078 06HTX
512K x 8 SRAM
35ns
32 pin DIP
5962-92078 07HTX
512K x 8 SRAM
25ns
32 pin DIP
5962-92078 08HTX
512K x 8 SRAM
20ns
32 pin DIP
5962-92078 09HTX
W S 512K 8 - XXX C X X


Similar Part No. - WS512K8-35CIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K8-35CIA WEDC-WS512K8-35CIA Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results

Similar Description - WS512K8-35CIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com