Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1601M8 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1601M8
Description  Step-Up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1601M8 Datasheet(HTML) 4 Page - Anachip Corp

  AP1601M8 Datasheet HTML 1Page - Anachip Corp AP1601M8 Datasheet HTML 2Page - Anachip Corp AP1601M8 Datasheet HTML 3Page - Anachip Corp AP1601M8 Datasheet HTML 4Page - Anachip Corp AP1601M8 Datasheet HTML 5Page - Anachip Corp AP1601M8 Datasheet HTML 6Page - Anachip Corp AP1601M8 Datasheet HTML 7Page - Anachip Corp AP1601M8 Datasheet HTML 8Page - Anachip Corp AP1601M8 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1601
Step-Up DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Apr. 14, 2005
4/9
Electrical Characteristics (Continued)
(VBATT = 2V, RL =∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C .)
Symb
ol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating Current into OUT
VFB=1.4V, VOUT=3.3V
-
16
35
µA
Shutdown Current into OUT
SHDN
=GND
-
0.1
1
µA
VOUT=3.3V, ILOAD=200mA
-
90
-
Efficiency
VOUT=2V, ILOAD=1mA
-
85
-
%
tON
LX Switch On-Time
VFB=1V, VOUT=3.3V
3
4
7
µs
tOFF
LX Switch Off-Time
VFB=1V, VOUT=3.3V
0.8
1
1.2
µs
IFB
FB Input Current
VFB=1.4V
-
0.03
50
nA
ILBI
LBI Input Current
LLBI=1.4V
-
1
50
nA
ICLSEL
CLSEL Input Current
AP1601, CLSEL=OUT
-
1.4
3
µA
ISHDN
SHDN Input Current
VSHDN =0 or VOUT
-
0.07
50
nA
LBO
Low Output Voltage
LLBI=0, ISINK=1mA
-
0.2
0.4
V
ILBO
LBO
Off Leakage Current
VLBO =5.5V, LLBI=5.5V
-
0.07
1
µA
Damping Switch Resistance
AP1601, VBATT=2V
-
88
150
VIL
-
-
0.2 VOUT
VIH
SHDN Input Voltage
0.8 VOUT
-
-
V
VIL
-
-
0.2 VOUT
VIH
CLSEL Input Voltage
0.8 VOUT
-
-
V
Note 1: Start-up voltage operation is guaranteed with the addition of a Schottky MBR0520 external diode between the input and output.
Note 2: Steady-state output current indicates that the device maintains output voltage regulation under load.
Typical Application Circuit
SHDN
LBO
LX
OUT
FB
REF
LBI
GND
0.1uF
Low- Battery
Detect OUT
22uH
220uF
+
100uF
+
V
IN
ON
OFF
Adj Output (1.8V to 4.0V)
up to 300 mA
Low- Battery
Detect In
R5
R6
Vout=1.2 (1+
)
R6
R5
R6 Suggest 100K~200K
FB=Vout, Vout=3.3V
FB=GND, Vout=5V
×


Similar Part No. - AP1601M8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1601M8G-13 DIODES-AP1601M8G-13 Datasheet
167Kb / 12P
   STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
More results

Similar Description - AP1601M8

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
logo
Kingbor Technology Co
KB2301 KINGBOR-KB2301 Datasheet
137Kb / 10P
   Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com