Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9563M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP9563M
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP9563M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP9563M Datasheet HTML 1Page - List of Unclassifed Manufacturers AP9563M Datasheet HTML 2Page - List of Unclassifed Manufacturers AP9563M Datasheet HTML 3Page - List of Unclassifed Manufacturers AP9563M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-40
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=-1mA
-
-0.03
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-6A
-
-
40
VGS=-4.5V, ID=-4A
-
-
60
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-6A
-
10
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-40V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=-32V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=±25V
-
-
nA
Qg
Total Gate Charge
2
ID=-6A
-
19
30
nC
Qgs
Gate-Source Charge
VDS=-32V
-
5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
8
-
nC
td(on)
Turn-on Delay Time
2
VDS=-20V
-
12
-
ns
tr
Rise Time
ID=-1A
-
7
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-10V
-
68
-
ns
tf
Fall Time
RD=20Ω
-38
-
ns
Ciss
Input Capacitance
VGS=0V
-
1600
2560
pF
Coss
Output Capacitance
VDS=-25V
-
240
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
190
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=-2A, VGS=0V
-
-
-1.2
V
t
rr
Reverse Recovery Time
2
IS=-6A, VGS=0V,
-
37
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
54
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 125 ℃/W when mounted on Min. copper pad.
AP9563M
±100


Similar Part No. - AP9563M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP9563M VBSEMI-AP9563M Datasheet
1,003Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - AP9563M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com