Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH373A-WL Datasheet(PDF) 2 Page - Anachip Corp

Part # AH373A-WL
Description  Internal Pull-up Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH373A-WL Datasheet(HTML) 2 Page - Anachip Corp

  AH373A-WL Datasheet HTML 1Page - Anachip Corp AH373A-WL Datasheet HTML 2Page - Anachip Corp AH373A-WL Datasheet HTML 3Page - Anachip Corp AH373A-WL Datasheet HTML 4Page - Anachip Corp AH373A-WL Datasheet HTML 5Page - Anachip Corp AH373A-WL Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AH373
Internal Pull-up Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Jan 31, 2005
2/6
Block Diagram
Regulator
Hall
plate
Amp
2
GND
OUT
3
2
VCC
1
Rpu
Functional Application Circuit
M
Driver
&
Control Logic
Ia
Ib
Ic
IA
IC
IB
HB
HA
HC
M: Three Phase Hall Motor
Digital Hall Effect Sensor
Hall Motor Driver
RPM sensing
3 Phase Hall Motor
Absolute Maximum Ratings ( at Ta= 25°C )
Characteristics
Symbol
Values
Unit
Supply voltage
VCC
20
V
Output “off ” voltage
Vout (off)
28
V
Output “on” current
Io (sink)
25
mA
Operating temperature range
Top
-40~+125
°C
Storage temperature range
Tstg
-65~+150
°C
SIP
550
mW
Power dissipation
SOT23
PD
230
mW


Similar Part No. - AH373A-WL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373A-WL ANACHIP-AH373A-WL Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373A-WLA ANACHIP-AH373A-WLA Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
More results

Similar Description - AH373A-WL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
   Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com