Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82J97E-28SOP-A Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82J97E-28SOP-A
Description  USB Joystick Encoder 8-Bit OTP MCU
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82J97E-28SOP-A Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82J97E-28SOP-A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82J97E-28SOP-A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82J97E-28SOP-A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82J97E-28SOP-A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82J97E-28SOP-A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82J97E-28SOP-A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82J97E-28SOP-A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82J97E-28SOP-A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82J97E-28SOP-A Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
HT82J97E
Rev. 1.30
6
May 10, 2004
Stack Register
- STACK
This is a special part of the memory which is used to
save the contents of the program counter (PC) only. The
stack is organized into 8 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor writeable.
At a subroutine call or interrupt acknowledge signal, the
contents of the program counter are pushed onto the
stack. At the end of a subroutine or an interrupt routine,
signaled by a return instruction (RET or RETI), the pro-
gram counter is restored to its previous value from the
stack. After a chip reset, the SP will point to the top of the
stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledge signal will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
In a similar case, if the stack is full and a
²CALL² is sub-
sequently executed, stack overflow occurs and the first
entry will be lost (only the most recent 8 return ad-
dresses are stored).
Data Memory
- RAM for Bank 0
The data memory is designed with 96
´8 bits. The data
memory is divided into two functional groups: special
function registers and general purpose data memory
(96
´8). Most are read/write, but some are read only.
The special function registers include the indirect ad-
dressing registers (R0;00H, R1;02H), Bank register (BP,
04H), PWM1 duty register (0DH), PWM2 duty regis-
ter(0EH), Timer/Event Counter higher order byte regis-
ter (TMRH;0FH), Timer/Event Counter lower order byte
register (TMRL;10H), Timer/Event Counter control reg-
ister (TMRC;11H), program counter lower-order byte
register (PCL;06H), memory pointer registers
(MP0;01H, MP1;03H), accumulator (ACC;05H), table
pointers (TBLP;07H, TBHP;1FH), table higher-order
byte
register
(TBLH;08H),
status
register
(STATUS;0AH), interrupt control register (INTC;0BH),
Watchdog Timer option setting register (WDTS;09H),
I/O registers (PA;12H, PB;14H, PC;16H), PWM Base
Period Register (18H), I/O control registers (PAC;13H,
PBC;15H, PCC;17H). USB/PS2 status and control reg-
ister (USC;1AH), USB endpoint interrupt status register
(USR;1BH), system clock control register (SCC;1CH).
A/D converter status and control register (ADSC;1DH)
and A/D converter result register (ADR;1EH). The re-
maining space before the 20H is reserved for future ex-
panded usage and reading these locations will get
²00H². The general purpose data memory, addressed
from 20H to 7FH, is used for data and control informa-
tion under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer registers (MP0 or MP1).
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
G e n e r a l P u r p o s e
D A T A M E M O R Y
( 9 6 B y t e s )
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
7 F H
2 0 H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
P W M 1 D u t y R e g i s t e r
P W M 2 D u t y R e g i s t e r
T M R H
T M R L
T M R C
P A
P A C
P B
P B C
P C
P C C
P W M B a s e P e r i o d R e g i s t e r ( P D )
U S C
U S R
S C C
A D S C
A D R
T B H P
B a n k 0
1 9 H
Bank 0 RAM Mapping


Similar Part No. - HT82J97E-28SOP-A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82J97E HOLTEK-HT82J97E_08 Datasheet
305Kb / 44P
   USB Joystick Encoder 8-Bit MCU
More results

Similar Description - HT82J97E-28SOP-A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82J97E HOLTEK-HT82J97E_08 Datasheet
305Kb / 44P
   USB Joystick Encoder 8-Bit MCU
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
   USB Mouse Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT48RB8 HOLTEK-HT48RB8 Datasheet
281Kb / 45P
   8-Bit USB Type OTP MCU
HT82M99E HOLTEK-HT82M99E_11 Datasheet
300Kb / 50P
   USB Mouse Encoder 8-Bit MCU
HT82M99EE HOLTEK-HT82M99EE Datasheet
367Kb / 47P
   USB Mouse Encoder 8-Bit MCU
HT82M9BE HOLTEK-HT82M9BE_08 Datasheet
294Kb / 44P
   USB Mouse Encoder 8-Bit MCU
HT82M99EE HOLTEK-HT82M99EE_08 Datasheet
326Kb / 44P
   USB Mouse Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com