Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT54C-GS08
Description  Small Signal Schottky Diodes, Single Dual
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54C-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT54C-GS08 Datasheet HTML 1Page - Vishay Siliconix BAT54C-GS08 Datasheet HTML 2Page - Vishay Siliconix BAT54C-GS08 Datasheet HTML 3Page - Vishay Siliconix BAT54C-GS08 Datasheet HTML 4Page - Vishay Siliconix BAT54C-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85508
Rev. 1.6, 24-Nov-04
BAT54 / 54A / 54C / 54S
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on fiberglass substrate, see layout on next page.
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Layout for RthJA test
Thickness:
Fiberglass 1.5 mm (0.059 in.)
Copper leads 0.3 mm (0.012 in.)
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambiant air
RthJA
4301)
°C/W
Junction temperature
Tj = Tstg
- 65 to + 150
°C
Storage temperature range
TS
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown voltage
IR = 100 µA pulses
V(BR)
30
V
Leakage current
Pulse test tp < 300 µs, δ < 2 % at
VR = 25 V
IR
2
µA
Forward voltage
IF = 0.1 mA, tp < 300 µs, δ < 2 %
VF
240
mV
IF = 1 mA, tp < 300 µs, δ < 2 %
VF
320
mV
IF = 10 mA, tp < 300 µs, δ < 2 %
VF
400
mV
IF = 30 mA, tp < 300 µs, δ < 2 %
VF
500
mV
IF = 100 mA, tp < 300 µs, δ < 2 %
VF
1000
mV
Diode capacitance
VR = 1 V, f = 1 MHz
Ctot
10
pF
Reverse recovery time
IF = 10 mA through IR = 10 mA
to Irr = 1mA, RL = 100 Ω
trr
5ns
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)


Similar Part No. - BAT54C-GS08

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAT54C-G COMCHIP-BAT54C-G Datasheet
63Kb / 2P
   Surface Mount Schottky Diode
logo
Vishay Siliconix
BAT54C-G VISHAY-BAT54C-G Datasheet
102Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54C-G3-08 VISHAY-BAT54C-G3-08 Datasheet
99Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.2, 25-Feb-13
BAT54C-G3-18 VISHAY-BAT54C-G3-18 Datasheet
99Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.2, 25-Feb-13
More results

Similar Description - BAT54C-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS70-00-V VISHAY-BAS70-00-V_10 Datasheet
137Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_10 Datasheet
136Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAT54-V VISHAY-BAT54-V Datasheet
164Kb / 6P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 16-Jul-10
BAS40-00-V VISHAY-BAS40-00-V_15 Datasheet
78Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V Datasheet
156Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 27-Sep-06
BAS70-00-V VISHAY-BAS70-00-V Datasheet
156Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 27-Sep-06
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V VISHAY-BAT54-V_10 Datasheet
140Kb / 5P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com