Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27952SDX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27952SDX
Description  White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27952SDX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM27952SDX Datasheet HTML 1Page - National Semiconductor (TI) LM27952SDX Datasheet HTML 2Page - National Semiconductor (TI) LM27952SDX Datasheet HTML 3Page - National Semiconductor (TI) LM27952SDX Datasheet HTML 4Page - National Semiconductor (TI) LM27952SDX Datasheet HTML 5Page - National Semiconductor (TI) LM27952SDX Datasheet HTML 6Page - National Semiconductor (TI) LM27952SDX Datasheet HTML 7Page - National Semiconductor (TI) LM27952SDX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM27952
White LED Adaptive 1.5X/1X Switched Capacitor Current
Driver
General Description
The LM27952 is a switched capacitor white-LED driver ca-
pable of driving up to 4 LEDs with 30mA through each LED.
Its 4 tightly regulated current sinks ensure excellent LED
current and brightness matching. LED drive current is pro-
grammed by an external sense resistor. The LM27952 oper-
ates over an input voltage range from 3.0V to 5.5V and
requires only four low-cost ceramic capacitors.
The LM27952 provides excellent efficiency without the use
of an inductor by operating the charge pump in a gain of 3/2,
or in a gain of 1. Maximum efficiency is achieved over the
input voltage range by actively selecting the proper gain
based on the LED forward voltage requirements.
The LM27952 uses constant frequency pre-regulation to
minimize conducted noise on the input. It has a fixed 750kHz
switching frequency optimized for portable applications. The
LM27952 consumes less than 1µA of supply current when
shut down.
The LM27952 is available in a 14-pin No-Pullback Leadless
Leadframe Package: LLP-14.
Features
n
Drives up to 4 LEDs with up to 30mA each
n
Regulated current sources with 0.2%(typ.) matching
n
3/2x, 1x Gain transition based on LED V
F
n
Peak Efficiency Over 85%
n
Input Voltage Range: 3.0V to 5.5V
n
PWM Brightness Control
n
Very Small Solution Size - NO INDUCTOR
n
Fixed 750kHz Switching Frequency
n <
1µA Shutdown Current
n
14-pin LLP Package: 4.0mm X 3.0mm X 0.8mm
Applications
n
White LED Display Backlights
n
White LED Keypad Backlights
n
General Purpose LED Lighting
Typical Application Circuit
20148001
May 2005
© 2005 National Semiconductor Corporation
DS201480
www.national.com


Similar Part No. - LM27952SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27952SDX/NOPB TI1-LM27952SDX/NOPB Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

Similar Description - LM27952SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com