Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1304 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1304
Description  Variable Gain Amplifier (built-in Y LPF, C BPF) Monolithic IC MM1304
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1304 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1304 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1304 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1304 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1304 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1304 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUMI
Variable Gain Amplifier (built-in Y LPF, C BPF) MM1304
Electrical Characteristics (Ta=25°C, VCC=4.75V, V1=2.2V, V2=2.1V, SG1~SG2 : no signal, SW1~SW5 : A)
Item
Symbol
Measurement
Measurement conditions
Min. Typ. Max. Units
circuit
Operating power supply voltage
VCC
4.5
4.75
5.5
V
Consumption current
ICC
10.6
13
mA
Y subsystem cutoff frequency 5.4 MHz
Voltage gain 1
GV1
TP7
SG2 : sine wave 2VP-P 100kHz V2=1.0V
-7.5
-6
-4.5
dB
Voltage gain 2
GV2
TP7
SG2 : sine wave 1VP-P 100kHz
-1.5
0
-1.5
dB
Voltage gain 3
GV3
TP7
SG2 : sine wave 0.5VP-P 100kHz V2=4.2V 4.5
6
7.5
dB
Cutoff frequency 5.4 MHz
fc1
TP7
SG2 : sine wave 1VP-P
5
MHz
Frequency characteristic 1
Gf1
TP7
SG2 : sine wave 1VP-P 14.5MHz
-30
dB
Group delay characteristic 1
td1
TP7
SG2 : sine wave 1VP-P 100kHz
85
105
125
nS
Group delay characteristic 2
td2
TP7
SG2 : sine wave 1VP-P 1MHz
90
110
130
nS
S/N
SN
TP7
SG2 : white 50% video signal
-47
-43
dB
Y subsystem cutoff frequency 4.4 MHz SW5 : B
Cutoff frequency 5.4 MHz
fC2
TP7
SG2 : sine wave 1VP-P
4
MHz
Frequency characteristic 2
Gf1
TP7
SG2 : sine wave 1VP-P 9.5MHz
-25
dB
Group delay characteristic 3
td3
TP7
SG1 : sine wave 1VP-P 100kHz
105
125
145
nS
Group delay characteristic 4
td4
TP7
SG2 : sine wave 1VP-P 1MHz
110
130
150
nS
C system NTSCExcept where noted otherwise, SW4 : B
Voltage gain 4
GV4
TP4
SG1 : sine wave 0.14VP-P V1=4.4V
9
13
15
dB
Voltage gain 5
GV5
TP4
SG1 : sine wave 0.28 VP-P
379
dB
Voltage gain 6
GV6
TP4
SG1 : sine wave 0.56VP-P V1=1.1V
-31
3
dB
Voltage gain 7
GV7
TP4
SG1 : sine wave 0.28VP-P SW3 : B
-13
5
dB
Frequency characteristic 3
Gf3
TP4
SG1 : sine wave 0.28VP-P 2.78MHz
-5.5 -3.5
+2
dB
Frequency characteristic 4
Gf4
TP4
SG1 : sine wave 0.28VP-P 4.38MHz
-7.5 -3.5
+2
dB
Frequency characteristic 5
Gf5
TP4
SG1 : sine wave 0.28VP-P 1.08MHz
-10
dB
Frequency characteristic 6
Gf6
TP4
SG1 : sine wave 0.28VP-P 6.08MHz
-5dB
Frequency characteristic 7
Gf7
TP4
SG1 : sine wave 0.28VP-P 10MHz
-20
dB
Frequency characteristic 8
Gf8
TP4
SG1 : sine wave 0.28VP-P15MHz
-30
dB
Group delay characteristic 5
td5
TP4
SG1 : sine wave 0.28VP-P
230
310
340
nS
Group delay characteristic 6
td6
TP4
SG1 : sine wave 0.28VP-P 2.78MHz
160
240
320
nS
Group delay characteristic 7
td7
TP4
SG1 : sine wave 0.28VP-P 4.38MHz
150
200
250
nS
C system PALExcept where noted otherwise, SG1 : f=4.43MHz
Voltage gain 8
GV8
TP4
SG1 : sine wave 0.28VP-P
379
dB
Frequency characteristic 9
Gf9
TP4
SG1 : sine wave 0.28VP-P 3.63MHz
-5.5 -2.2
+2
dB
Frequency characteristic 10
Gf10
TP4
SG1 : sine wave 0.28VP-P 5.23MHz
-7.5 -3.0
+2
dB
Frequency characteristic 11
Gf11
TP4
SG1 : sine wave 0.28VP-P 1.93MHz
-10
dB
Frequency characteristic 12
Gf12
TP4
SG1 : sine wave 0.28VP-P 6.93MHz
-5dB
Frequency characteristic 13
Gf13
TP4
SG1 : sine wave 0.28VP-P 10MHz
-15
dB
Frequency characteristic 14
Gf14
TP4
SG1 : sine wave 0.28VP-P 15MHz
-30
dB
Group delay characteristic 8
td8
TP4
SG1 : sine wave 0.28VP-P
180
260
290
nS
Group delay characteristic 9
td9
TP4
SG1 : sine wave 0.28VP-P 3.63MHz
120
200
280
nS
Group delay characteristic 10 td10
TP4
SG1 : sine wave 0.28VP-P 5.23MHz
130
200
250
nS
Crosstalk
Y
C
CT1
TP4
SG2 : sine wave 1VP-P 4.43MHz SW1 : B
-55
-50
dB
C
Y
CT2
TP7
SG1 : sine wave 0.28VP-P 4.43MHz SW2 : B
-55
-50
dB
SW input voltage SW3~SW5 : C
GSW (H)
VIH1
TP4
SG1 : sine wave 0.28VP-P 4.43MHz
2.1
V
GSW (L)
VIL1
TP4
SG1 : sine wave 0.28VP-P 4.43MHz
0.7
V
FSW1 (H)
VIH2
TP4
SG1 : sine wave 0.28VP-P 4.43MHz
2.1
V
FSW1 (L)
VIL2
TP4
SG1 : sine wave 0.28VP-P 4.43MHz
0.7
V
FSW2 (H)
VIH3
TP7
SG2 : sine wave 1VP-P 4.43MHz
2.1
V
FSW2 (L)
VIL3
TP7
SG2 : sine wave 1VP-P 4.43MHz
0.7
V


Similar Part No. - MM1304

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
   Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Mitsumi Electronics, Co...
MM1302A MITSUMI-MM1302A Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1302E MITSUMI-MM1302E Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1302F MITSUMI-MM1302F Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1302G MITSUMI-MM1302G Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
More results

Similar Description - MM1304

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA76600M SANYO-LA76600M Datasheet
247Kb / 8P
   Monolithic Linear IC Video Signal Y/C Separator IC
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
Johanson Technology Inc...
2450DP15E5400 JOHANSON-2450DP15E5400 Datasheet
82Kb / 2P
   2450 / 5400 MHz Diplexer ( LPF / BPF)
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com