Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK79M36C162GB-5 Datasheet(PDF) 3 Page - Sony Corporation

Part # CXK79M36C162GB-5
Description  18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK79M36C162GB-5 Datasheet(HTML) 3 Page - Sony Corporation

  CXK79M36C162GB-5 Datasheet HTML 1Page - Sony Corporation CXK79M36C162GB-5 Datasheet HTML 2Page - Sony Corporation CXK79M36C162GB-5 Datasheet HTML 3Page - Sony Corporation CXK79M36C162GB-5 Datasheet HTML 4Page - Sony Corporation CXK79M36C162GB-5 Datasheet HTML 5Page - Sony Corporation CXK79M36C162GB-5 Datasheet HTML 6Page - Sony Corporation CXK79M36C162GB-5 Datasheet HTML 7Page - Sony Corporation CXK79M36C162GB-5 Datasheet HTML 8Page - Sony Corporation CXK79M36C162GB-5 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SONY®
ΣRAM
Preliminary
18Mb 1x2Lp, HSTL, rev 1.1
3 / 25
November 8, 2002
CXK79M36C162GB
Pin Description
Symbol
Type
Quantity
Description
A
Input
17
Address Inputs - Registered on the rising edge of CK.
A1
Input
1
Address Input 1 - Registered on the rising edge of CK. Initializes burst counter.
DQ
I/O
36
Data Inputs / Outputs - Registered on the rising and falling edges of CK during write
operations. Driven from the rising and falling edges of CK during read operations.
CK, CK
Input
2
Differential Input Clocks
CQ1, CQ1
CQ2, CQ2
Output
4
Output Clocks
E1
Input
1
Chip Enable Control Input - Registered on the rising edge of CK.
E1 = 0
enables the device to accept read and write commands.
E1 = 1
disables the device.
See the Clock Truth Table section for further information.
E2, E3
Input
2
Programmable Chip Enable Control Inputs - Registered on the rising edge of CK. See
the Clock Truth Table and Depth Expansion sections for further information.
EP2, EP3
Input
2
Programmable Chip Enable Active-Level Select Inputs - These pins must be tied
“high” or “low” at power-up. See the Clock Truth Table and Depth Expansion sec-
tions for further information.
ADV
Input
1
Address Advance Control Input - Registered on the rising edge of CK.
ADV = 0
loads a new address and begins a new operation when the device is
enabled.
ADV = 1
increments the address and continues the previous operation when the
device is enabled.
See the Clock Truth Table section for further information.
W
Input
1
Write Enable Control Input - Registered on the rising edge of CK.
W = 0
specifies a write operation when ADV = 0 and the device is enabled.
W = 1
specifies a read operation when ADV = 0 and the device is enabled.
See the Clock Truth Table section for further information.
ZQ
Input
1
Output Impedance Control Resistor Input - This pin must be tied to VSS through an
external resistor RQ at power-up. Output driver impedance is set to one-fifth the
value of RQ, nominally. See the Output Driver Impedance Control section for further
information.
VDD
14
1.8V Core Power Supply - Core supply voltage.
VDDQ
24
Output Power Supply - Output buffer supply voltage.
VREF
4
Input Reference Voltage - Input buffer threshold voltage.
VSS
30
Ground
TCK
Input
1
JTAG Clock
TMS
Input
1
JTAG Mode Select - Weakly pulled “high” internally.
TDI
Input
1
JTAG Data In - Weakly pulled “high” internally.
TDO
Output
1
JTAG Data Out
MCL
*Input*
10
Must Connect “Low” - May not be actual input pins.
MCH
*Input*
3
Must Connect “High” - May not be actual input pins.
NC
52
No Connect - These pins are true no-connects, i.e. there is no internal chip connection
to these pins. They can be left unconnected or tied directly to VSS.


Similar Part No. - CXK79M36C162GB-5

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK79M36C164GB SONY-CXK79M36C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M36C165GB SONY-CXK79M36C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
More results

Similar Description - CXK79M36C162GB-5

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK79M72C164GB SONY-CXK79M72C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M72C165GB SONY-CXK79M72C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18CT GSI-GS8160V18CT Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8161V18CD GSI-GS8161V18CD Datasheet
776Kb / 28P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018C GSI-GS816018C Datasheet
567Kb / 22P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816118C GSI-GS816118C Datasheet
769Kb / 29P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com