Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1418 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1418
Description  15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1418 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1418 Datasheet HTML 1Page - Maxim Integrated Products MAX1418 Datasheet HTML 2Page - Maxim Integrated Products MAX1418 Datasheet HTML 3Page - Maxim Integrated Products MAX1418 Datasheet HTML 4Page - Maxim Integrated Products MAX1418 Datasheet HTML 5Page - Maxim Integrated Products MAX1418 Datasheet HTML 6Page - Maxim Integrated Products MAX1418 Datasheet HTML 7Page - Maxim Integrated Products MAX1418 Datasheet HTML 8Page - Maxim Integrated Products MAX1418 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
15-Bit, 100Msps ADC with -77.7dBFS
Noise Floor for Baseband Applications
_______________________________________________________________________________________
5
FFT PLOT (32,768-POINT DATA RECORD,
COHERENT SAMPLING)
ANALOG INPUT FREQUENCY (MHz)
25
20
15
10
5
-100
-80
-60
-40
-20
0
-120
050
45
40
35
30
fCLK = 100.0997MHz
fIN = 10.0014MHz
AIN = -1.05dBFS
SNR = 75.6dBc
SINAD = 75.4dBc
SFDR1 = 90dBc
SFDR2 = 96.4dBc
HD2 = -91dBFS
HD3 = -95.5dBFS
FFT PLOT (32,768-POINT DATA RECORD,
COHERENT SAMPLING)
ANALOG INPUT FREQUENCY (MHz)
25
20
15
10
5
-100
-80
-60
-40
-20
0
-120
050
45
40
35
30
fCLK = 100.0997MHz
fIN = 15.0021MHz
AIN = -0.96dBFS
SNR = 75.3dBc
SINAD = 74.8dBc
SFDR1 = 86.7dBc
SFDR2 = 93.9dBc
HD2 = -87.6dBFS
HD3 = -90.2dBFS
FFT PLOT (32,768-POINT DATA RECORD,
COHERENT SAMPLING)
ANALOG INPUT FREQUENCY (MHz)
25
20
15
10
5
-100
-80
-60
-40
-20
0
-120
050
45
40
35
30
fCLK = 100.0997MHz
fIN = 34.9973MHz
AIN = -1.01dBFS
SNR = 75dBc
SINAD = 70.6dBc
SFDR1 = 73dBc
SFDR2 = 93.9dBc
HD2 = -83.6dBFS
HD3 = -74dBFS
TWO-TONE IMD PLOT (32,768-POINT DATA
RECORD, COHERENT SAMPLING)
ANALOG INPUT FREQUENCY (MHz)
25
20
15
10
5
-100
-80
-60
-40
-20
0
-120
050
45
40
35
30
fCLK = 100.0997MHz
fIN1 = 10.1022MHz
AIN1 = -7.09dBFS
fIN2 = 15.0021MHz
AIN2 = -7dBFS
IMD = -84.9dBc
fIN1
fIN2
fIN2 - fIN1
fIN1 + fIN2
SNR vs. ANALOG INPUT FREQUENCY
(fCLK = 100.0997MHz, AIN = -1dBFS)
fIN (MHz)
45
40
35
30
25
20
15
10
71
72
73
74
75
76
77
70
550
SFDR1/SFDR2 vs. ANALOG INPUT FREQUENCY
(fCLK = 100.0997MHz, AIN = -1dBFS)
fIN (MHz)
45
40
35
30
25
20
15
10
65
75
85
95
105
115
55
550
SFDR2
SFDR1
HD2/HD3 vs. ANALOG INPUT FREQUENCY
(fCLK = 100.0997MHz, AIN = -1dBFS)
fIN (MHz)
45
40
35
30
25
20
15
10
-100
-95
-90
-85
-80
-75
-70
-65
-105
550
HD3
HD2
SNR vs. SAMPLING FREQUENCY
(fIN = 15MHz, AIN = -1dBFS)
fCLK (MHz)
90
80
30
40
50
60
70
71
72
73
74
75
76
77
78
70
20
100
SFDR1/SFDR2 vs. SAMPLING FREQUENCY
(fIN = 15MHz, AIN = -1dBFS)
fCLK (MHz)
90
80
30
40
50
60
70
75
80
85
90
95
100
105
70
20
100
SFDR2
SFDR1
Typical Operating Characteristics
(AVCC = 5V, DVCC = DRVCC = 2.5V, INP and INN driven differentially with a -1dBFS amplitude, CLKP and CLKN driven differentially
with a 2VP-P sinusoidal input signal, CL = 5pF at digital outputs, fCLK = 100MHz, TA = +25°C. All AC data is based on a 32k-point
FFT record and under coherent sampling conditions.)


Similar Part No. - MAX1418

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1418 MAXIM-MAX1418 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1418ETN MAXIM-MAX1418ETN Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1418ETN MAXIM-MAX1418ETN Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
More results

Similar Description - MAX1418

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX19506 MAXIM-MAX19506 Datasheet
1Mb / 34P
   Dual-Channel, 8-Bit, 100Msps ADC
Rev 0; 10/08
MAX19516 MAXIM-MAX19516 Datasheet
430Kb / 35P
   Dual-Channel, 10-Bit, 100Msps ADC
Rev 1; 10/08
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com