Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1428 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1428
Description  15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1428 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1428 Datasheet HTML 1Page - Maxim Integrated Products MAX1428 Datasheet HTML 2Page - Maxim Integrated Products MAX1428 Datasheet HTML 3Page - Maxim Integrated Products MAX1428 Datasheet HTML 4Page - Maxim Integrated Products MAX1428 Datasheet HTML 5Page - Maxim Integrated Products MAX1428 Datasheet HTML 6Page - Maxim Integrated Products MAX1428 Datasheet HTML 7Page - Maxim Integrated Products MAX1428 Datasheet HTML 8Page - Maxim Integrated Products MAX1428 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
15-Bit, 100Msps ADC with -77.7dBFS
Noise Floor for Baseband Applications
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVCC = 5V, DVCC = DRVCC = 2.5V, GND = 0, INP and INN driven differentially with -1dBFS, CLKP and CLKN driven differentially
with a 2VP-P sinusoidal input signal, CL = 5pF at digital outputs, fCLK = 100MHz, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C, unless otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and char-
acterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fIN = 5MHz at -1dBFS
75.3
fIN = 15MHz at -1dBFS
72.1
75.1
Signal-to-Noise
Ratio (Note 1)
SNR
fIN = 35MHz at -1dBFS
74.8
dB
fIN = 5MHz at -1dBFS
75.0
fIN = 15MHz at -1dBFS
71.7
74.9
Signal-to-Noise
and Distortion
(Note 1)
SINAD
fIN = 35MHz at -1dBFS
71.1
dB
fIN = 5MHz at -1dBFS
90.0
fIN = 15MHz at -1dBFS
84.0
90.0
Spurious-Free Dynamic Range
(HD2 and HD3)
(Note 1)
SFDR1
fIN = 35MHz at -1dBFS
74.0
dBc
fIN = 5MHz at -1dBFS
96.0
fIN = 15MHz at -1dBFS
85.0
94.0
Spurious-Free Dynamic Range
(HD4 and Higher)
(Note 1)
SFDR2
fIN = 35MHz at -1dBFS
92.0
dBc
Two-Tone Intermodulation
Distortion
TTIMD
fIN1 = 10MHz at -7dBFS,
fIN2 = 15MHz at -7dBFS
-85
dBc
Two-Tone Spurious-Free
Dynamic Range
SFDRTT
fIN1 = 10MHz at -10dBFS < fIN1 < -100dBFS,
fIN2 = 15MHz at -10dBFS < fIN2 < -100dBFS
-100
dBFS
DIGITAL OUTPUTS (D0–D14, DAV, DOR)
Digital Output-Voltage Low
VOL
0.5
V
Digital Output-Voltage High
VOH
DRVCC
- 0.5
V
TIMING CHARACTERISTICS (DVCC = DRVCC = 2.5V)
CLKP/CLKN Duty Cycle
Duty Cycle
50
±5
%
Effective Aperture Delay
tAD
230
ps
Output Data Delay
tDAT
(Note 3)
3.0
4.5
7.5
ns
Data Valid Delay
tDAV
(Note 3)
5.3
6.5
8.7
ns
Pipeline Latency
tLATENCY
(Note 3)
3
Clock
cycles
CLKP Rising Edge to DATA Not
Valid
tDNV
(Note 3)
2.6
3.8
5.7
ns
CLKP Rising Edge to DATA Valid
(guaranteed)
tDGV
(Note 3)
3.4
5.2
8.6
ns
DATA Setup Time (Before DAV
Rising Edge)
tSETUP
(Note 3)
tCLKP
- 0.5
tCLKP
+ 1.3
tCLKP +
2.4
ns
DATA Hold Time (After DAV
Rising Edge)
tHOLD
(Note 3)
tCLKN -
3.6
tCLKN -
2.8
tCLKN -
2.0
ns


Similar Part No. - MAX1428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1428ETN MAXIM-MAX1428ETN Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
More results

Similar Description - MAX1428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX19506 MAXIM-MAX19506 Datasheet
1Mb / 34P
   Dual-Channel, 8-Bit, 100Msps ADC
Rev 0; 10/08
MAX19516 MAXIM-MAX19516 Datasheet
430Kb / 35P
   Dual-Channel, 10-Bit, 100Msps ADC
Rev 1; 10/08
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com