Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP225NQ04T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHP225NQ04T
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP225NQ04T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHP225NQ04T Datasheet HTML 2Page - NXP Semiconductors PHP225NQ04T Datasheet HTML 3Page - NXP Semiconductors PHP225NQ04T Datasheet HTML 4Page - NXP Semiconductors PHP225NQ04T Datasheet HTML 5Page - NXP Semiconductors PHP225NQ04T Datasheet HTML 6Page - NXP Semiconductors PHP225NQ04T Datasheet HTML 7Page - NXP Semiconductors PHP225NQ04T Datasheet HTML 8Page - NXP Semiconductors PHP225NQ04T Datasheet HTML 9Page - NXP Semiconductors PHP225NQ04T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
PHP/PHB225NQ04T
N-channel TrenchMOS™ standard level FET
Product data
Rev. 01 — 12 May 2004
6 of 13
9397 750 13157
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Tj =25 °CTj =25 °C and 175 °C; VDS > ID xRDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03aq22
0
80
160
240
0
0.5
1
1.5
2
VDS (V)
ID
(A)
Tj = 25 °C
VGS = 4 V
10 V
4.5 V
6 V
5.5 V
5 V
9 V
03aq24
0
20
40
60
80
02
46
VGS (V)
ID
(A)
VDS > ID x RDSon
Tj = 175 °C
25
°C
03aq23
0
2
4
6
8
10
0
80
160
240
ID (A)
RDSon
(m
Ω)
VGS = 5.5 V
Tj = 25 °C
10 V
9 V
6 V
03aa27
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (
°C)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=


Similar Part No. - PHP225NQ04T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP225 PHILIPS-PHP225 Datasheet
119Kb / 12P
   Dual P-channel enhancement mode MOS transistor
1997 Jun 20
PHP225 NXP-PHP225 Datasheet
181Kb / 11P
   Dual P-channel intermediate level FET
Rev. 03-4 January 2011
logo
VBsemi Electronics Co.,...
PHP225 VBSEMI-PHP225 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHP225 NEXPERIA-PHP225 Datasheet
778Kb / 12P
   Nexperia B.V. All rights reserved [NEXPERIA]^1325
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHP225 NXP-PHP225_11 Datasheet
181Kb / 11P
   Dual P-channel intermediate level FET
Rev. 03-4 January 2011
More results

Similar Description - PHP225NQ04T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com