Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG012B-G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ECG012B-G
Description  0.1 Watt, High Linearity InGaP HBT Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG012B-G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ECG012B-G Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG012B-G Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG012B-G Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG012B-G Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG012B-G Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 5 April 2005
ECG012
0.1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
900 MHz Application Circuit (ECG012B-PCB900)
Typical RF Performance
Frequency
900 MHz
S21 – Gain
14 dB
S11 – Input Return Loss
-14 dB
S22 – Output Return Loss
-10 dB
Output IP3
(+6 dBm / tone, 1 MHz spacing)
+35 dBm
Output P1dB
+20 dBm
Noise Figure
4.7 dB
Supply Voltage
+3 V
Supply Current
100 mA
Measured parameters were taken at 25 C.
CAP
ID=C4
C=56 pF
CAP
ID=C5
C=56 pF
CAP
ID=C9
C=1 pF
DIODE1
ID=D1
CAP
ID=C3
C=1000 pF
CAP
ID=C2
C=56 pF
CAP
ID=C1
C=100000 pF
IND
ID=L1
L=33 nH
RES
ID=L2
R=0 Ohm
CAP
ID=C7
C=5.6 pF
RES
ID=L3
R=0 Ohm
RES
ID=R1
R=820 Ohm
SUBCKT
ID=U1
NET="ECG012"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
Vcc = +3 V
5.6 V
C7 should be placed at the silk screen
marker ’F’ on the WJ evaluation board.
All passive components are of size 0603 unless otherwise noted.
C9 should be placed between
on the WJ evaluation board.
size 1206
size 0805
The capacitor should be placed
19°@ 0.9GHz from pin 3
The capacitor should be placed
13.7°@ 0.9GHz from pin 1 of the ECG012
silk screen markers '8'and '9'
size 0603
The diode D1 is used as over-voltage protection on the evaluation
boards. It is not specifically required in the final circuit layout in
a system using a DC regulator.
of the ECG012.
L2, L3 - the 0 ohm resistor - can be removed (with a thru line) in the
final circuit layout.
1900 MHz Application Circuit (ECG012B-PCB1900)
Typical RF Performance
Frequency
1900 MHz
S21 – Gain
12.5 dB
S11 – Input Return Loss
-15 dB
S22 – Output Return Loss
-10 dB
Output IP3
(+6 dBm / tone, 1 MHz spacing)
+36 dBm
Output P1dB
+20 dBm
Noise Figure
4.9 dB
Supply Voltage
+3 V
Supply Current
100 mA
Measured parameters were taken at 25 C.
CAP
ID=C4
C=56 pF
CAP
ID=C5
C=56 pF
CAP
ID=C9
C=1.2 pF
DIODE1
ID=D1
CAP
ID=C3
C=1000 pF
CAP
ID=C2
C=56 pF
CAP
ID=C1
C=100000 pF
CAP
ID=C7
C=2.4 pF
IND
ID=L1
L=18 nH
RES
ID=L3
R=0 Ohm
RES
ID=L2
R=0 Ohm
RES
ID=R1
R=820 Ohm
SUBCKT
ID=U1
NET="ECG012"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
Vcc = +3 V
5.6 V
C7 should be placed at the silk screen
marker ’A’ on the WJ evaluation board.
All passive components are of size 0603 unless otherwise noted.
C9 should be placed at
on the WJ evaluation board.
size 1206
size 0805
The capacitor should be placed
34°@ 1.9GHz from pin 3
The capacitor should be placed
4.6°@ 1.9GHz from pin 1 of the ECG012
silk screen marker '7'
The diode D1 is used as over-voltage protection on the evaluation
boards. It is not specifically required in the final circuit layout in
a system using a DC regulator.
of the ECG012.
L2, L3 - the 0 ohm resistor - can be removed (with a thru line) in the
final circuit layout.
2140 MHz Application Circuit (ECG012B-PCB2140)
Typical RF Performance
Frequency
2140 MHz
S21 – Gain
11.5 dB
S11 – Input Return Loss
-15 dB
S22 – Output Return Loss
-10 dB
Output IP3
(+6 dBm / tone, 1 MHz spacing)
+34 dBm
Output P1dB
+20 dBm
Noise Figure
5.4 dB
Supply Voltage
+3 V
Supply Current
100 mA
Measured parameters were taken at 25 C.
CAP
ID=C4
C=56 pF
CAP
ID=C5
C=56 pF
CAP
ID=C9
C=.8 pF
DIODE1
ID=D1
CAP
ID=C3
C=1000 pF
CAP
ID=C2
C=56 pF
CAP
ID=C1
C=100000 pF
IND
ID=L1
L=18 nH
RES
ID=L3
R=0 Ohm
CAP
ID=C6
C=1.5 pF
CAP
ID=L2
C=2 pF
RES
ID=R1
R=820 Ohm
SUBCKT
ID=U1
NET="ECG012"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
Vcc = +3 V
5.6 V
C6 should be placed between silk screen
markers ’E’ & ’F’ on the WJ evaluation board.
All passive components are of size 0603 unless otherwise noted.
C9 should be placed at
on the WJ evaluation board.
size 1206
size 0805
The capacitor should be placed
14.2°@ 2.14GHz from pin 3
The capacitor should be placed
28.9°@ 2.14GHz from pin 1 of the ECG012
silk screen marker '3'
The diode D1 is used as over-voltage protection on the evaluation
boards. It is not specifically required in the final circuit layout in
a system using a DC regulator.
of the ECG012.
L3 - the 0 ohm resistor - can be removed (with a thru line) in the
final circuit layout.
configuration.
Component R1 is shown in the silkscreen but is not used for this


Similar Part No. - ECG012B-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG012B-G WJCI-ECG012B-G Datasheet
203Kb / 4P
   0.1 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECG012B-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG012 WJCI-ECG012 Datasheet
203Kb / 4P
   0.1 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
AH110-RFID WJCI-AH110-RFID Datasheet
660Kb / 7P
   0.2 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
   0.2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com