Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2220BPWP Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2220BPWP
Description  POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2220BPWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2220BPWP Datasheet HTML 6Page - Texas Instruments TPS2220BPWP Datasheet HTML 7Page - Texas Instruments TPS2220BPWP Datasheet HTML 8Page - Texas Instruments TPS2220BPWP Datasheet HTML 9Page - Texas Instruments TPS2220BPWP Datasheet HTML 10Page - Texas Instruments TPS2220BPWP Datasheet HTML 11Page - Texas Instruments TPS2220BPWP Datasheet HTML 12Page - Texas Instruments TPS2220BPWP Datasheet HTML 13Page - Texas Instruments TPS2220BPWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
1
2
3
4
5
t − Time − ms
0
VO(/OC)
2 V/div
IO(xVPP)
2 A/div
100
200
300
400
500
t − Time −
µs
0
VO(/OC)
5 V/div
IO(VCC)
5 A/div
VIN(5V)
2 V/div
10
20
30
40
50
t − Time − ms
0
VO(/OC)
5 V/div
IO(xVCC)
1 A/div
2
4
6
8
10
t − Time − ms
0
VO(/OC)
5 V/div
IO(xVPP)
100 mA/div
TPS2220B
SLVS554 – JANUARY 2005
SHORT-CIRCIUT RESPONSE,
SHORT-CIRCIUT RESPONSE,
SHORT APPLIED TO POWERED-ON 5-V
SHORT APPLIED TO POWERED-ON 12-V
AVCC-SWITCH OUTPUT
AVPP-SWITCH OUTPUT
Figure 3.
Figure 4.
OC RESPONSE WITH RAMPED
OC RESPONSE WITH RAMPED
OVERCURRENT-LIMIT LOAD ON 5-V
OVERCURRENT-LIMIT LOAD ON 12-V
AVCC-SWITCH OUTPUT
AVPP-SWITCH OUTPUT
Figure 5.
Figure 6.
10


Similar Part No. - TPS2220BPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADB TI-TPS2220ADB Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADBG4 TI-TPS2220ADBG4 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADBR TI1-TPS2220ADBR Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADBRG4 TI1-TPS2220ADBRG4 Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2220BPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com