Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2220BDBG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2220BDBG4
Description  POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2220BDBG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2220BDBG4 Datasheet HTML 1Page - Texas Instruments TPS2220BDBG4 Datasheet HTML 2Page - Texas Instruments TPS2220BDBG4 Datasheet HTML 3Page - Texas Instruments TPS2220BDBG4 Datasheet HTML 4Page - Texas Instruments TPS2220BDBG4 Datasheet HTML 5Page - Texas Instruments TPS2220BDBG4 Datasheet HTML 6Page - Texas Instruments TPS2220BDBG4 Datasheet HTML 7Page - Texas Instruments TPS2220BDBG4 Datasheet HTML 8Page - Texas Instruments TPS2220BDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
TPS2220B
SLVS554 – JANUARY 2005
ELECTRICAL CHARACTERISTICS (continued)
T
J = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V, all outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
10
VO(AVCC) = 5 V, VI(5V) = VI(12V) = 0 V
TJ = 100°C
50
Leakage current,
Ilkg
Shutdown mode
µA
output off state
10
VO(AVPP) = 12 V, VI(5V) = VI(12V) = 0 V
TJ = 100°C
50
LOGIC SECTION (CLOCK, DATA, LATCH, RESET, SHDN, OC)
RESET = 5.5 V
–1
1
II(/RESET) (4)
RESET = 0 V
–30
–20
–10
SHDN = 5.5 V
–1
1
II(/SHDN)(4)
II
Input current, logic
SHDN = 0 V
–50
-3
µA
LATCH = 5.5 V
50
II(LATCH)(4)
LATCH = 0 V
–1
1
II(CLOCK, DATA)
0 V to 5.5 V
–1
1
VIH
High-level input voltage, logic
2
V
VIL
Low-level input voltage, logic
0.8
V
VO(sat)
Output saturation voltage at OC
IO = 2 mA
0.14
0.4
V
Ilkg
Leakage current at OC
VO(/OC) = 5.5 V
0
1
µA
UVLO AND POR (POWER-ON RESET)
VI(3.3V)
Input voltage at 3.3V pin, UVLO
3.3-V level below which all switches are Hi-Z
2.4
2.7
2.9
V
Vhys(3.3V)
UVLO hysteresis voltage at VA(5)
100
mV
VI(5V)
Input voltage at 5V pin, UVLO
5-V level below which only 5V switches are Hi-Z
2.3
2.5
2.8
V
Delay from voltage hit (step from 3 V to 2.3 V) to
Vhys(5V)
UVLO hysteresis voltage at 5V(5)
100
mV
Hi-Z control (90% VG to GND)
tdf
Delay time for falling response, UVLO(5)
4
µs
3.3-V voltage below which POR is asserted causing a
VI(POR)
Input voltage, power-on reset(5)
RESET internally with all line switches open and all
1.7
V
discharge switches closed.
(4)
LATCH has low-current pulldown. RESET and SHDN have low-current pullup.
(5)
Specified by design; not tested in production.
4


Similar Part No. - TPS2220BDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADB TI-TPS2220ADB Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADBG4 TI-TPS2220ADBG4 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADBR TI1-TPS2220ADBR Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADBRG4 TI1-TPS2220ADBRG4 Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2220BDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com