Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC2G53 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74ALVC2G53
Description  2-channel Analog Multiplexer Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVC2G53 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74ALVC2G53 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVC2G53 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVC2G53 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVC2G53 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVC2G53 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVC2G53 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVC2G53 Datasheet HTML 10Page - Hitachi Semiconductor HD74ALVC2G53 Datasheet HTML 11Page - Hitachi Semiconductor HD74ALVC2G53 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HD74ALVC2G53
Rev.2, Oct. 2001, page 8 of 14
Switching Characteristics (cont)
V
CC = 2.5±0.2 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
*1
t
PLH
t
PHL

0.35
ns
C
L = 30 pF
COM or
Yn
Yn or
COM
Enable time
t
ZH
t
ZL
1.0
5.0
ns
C
L = 30 pF
INH
COM or
Yn
Disable time
t
HZ
t
LZ
1.0
6.0
ns
C
L = 30 pF
INH
COM or
Yn
V
CC = 3.3±0.3 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
*1
t
PLH
t
PHL

0.3
ns
C
L = 30 pF
COM or
Yn
Yn or
COM
Enable time
t
ZH
t
ZL
1.0
4.0
ns
C
L = 30 pF
INH
COM or
Yn
Disable time
t
HZ
t
LZ
1.0
5.0
ns
C
L = 30 pF
INH
COM or
Yn
Note:
1. The propagation delay time is calculated by the RC (on-resistance and load capacitance) time
constant.
Operating Characteristics
(Ta = 25°C)
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
Test conditions
Power dissipation
C
PD
1.5
11.5
pF
f = 10 MHz
capacitance
1.8
11.5
2.5
12.5
3.3
14.0


Similar Part No. - HD74ALVC2G53

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G53 RENESAS-HD74ALVC2G53 Datasheet
107Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
HD74ALVC2G53USE RENESAS-HD74ALVC2G53USE Datasheet
107Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
HD74ALVC2G53 RENESAS-HD74ALVC2G53_15 Datasheet
133Kb / 16P
   2-channel Analog Multiplexer Demultiplexer
More results

Similar Description - HD74ALVC2G53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com