Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6680100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HM6680100
Description  Miniature Low Profile, Shielded Surface Mount Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM6680100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HM6680100 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM6680100 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM6680100 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM6680100 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM6680100 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM6680100 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM6680100 Datasheet HTML 7Page - List of Unclassifed Manufacturers HM6680100 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6-122
Model HM66 Series
Inductance
DC
Rated
Part
Nominal
Resistance
Current
Number
µH ±20%
Ω Max.
Amps
Figure
HM66-50220
22
0.122
0.90
2
HM66-50270
27
0.175
0.85
2
HM66-50330
33
0.189
0.75
2
HM66-50390
39
0.212
0.70
2
HM66-50470
47
0.260
0.62
2
HM66-50560
56
0.305
0.58
2
HM66-50680
68
0.355
0.52
2
HM66-50820
82
0.463
0.46
2
HM66-50101
100
0.520
0.42
2
HM66-603R0
3.0
0.024
3.00
2
HM66-603R9
3.9
0.027
2.60
2
HM66-605R0
5.0
0.031
2.40
2
HM66-606R0
6.0
0.035
2.25
2
HM66-607R3
7.3
0.054
2.10
2
HM66-608R6
8.6
0.058
1.85
2
HM66-60100
10
0.065
1.70
2
HM66-60120
12
0.070
1.55
2
HM66-60150
15
0.084
1.40
2
HM66-60180
18
0.095
1.32
2
HM66-60220
22
0.128
1.20
2
HM66-60270
27
0.142
1.05
2
HM66-60330
33
0.165
0.97
2
HM66-60390
39
0.210
0.86
2
HM66-60470
47
0.238
0.80
2
HM66-60560
56
0.277
0.73
2
HM66-60680
68
0.304
0.65
2
HM66-60820
82
0.390
0.60
2
HM66-60101
100
0.535
0.54
2
HM66-703R3
3.3
0.020
3.50
2
HM66-705R0
5.0
0.024
2.90
2
HM66-706R2
6.2
0.027
2.50
2
HM66-707R4
7.4
0.031
2.30
2
HM66-708R7
8.7
0.034
2.20
2
HM66-70100
10
0.038
2.00
2
HM66-70120
12
0.053
1.70
2
HM66-70150
15
0.057
1.60
2
HM66-70180
18
0.092
1.50
2
HM66-70220
22
0.096
1.30
2
HM66-70270
27
0.109
1.20
2
HM66-70330
33
0.124
1.10
2
HM66-70390
39
0.138
1.00
2
HM66-70470
47
0.155
0.95
2
HM66-70560
56
0.202
0.85
2
HM66-70680
68
0.234
0.75
2
SPECIFICATIONS


Similar Part No. - HM6680100

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM6680100LFTR3 BITECH-HM6680100LFTR3 Datasheet
943Kb / 3P
   Miniature Low Profile, Shielded
More results

Similar Description - HM6680100

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com