Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7B321825M-QC65 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7B321825M-QC65
Description  1Mx36 & 2Mx18 Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7B321825M-QC65 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7B321825M-QC65 Datasheet HTML 2Page - Samsung semiconductor K7B321825M-QC65 Datasheet HTML 3Page - Samsung semiconductor K7B321825M-QC65 Datasheet HTML 4Page - Samsung semiconductor K7B321825M-QC65 Datasheet HTML 5Page - Samsung semiconductor K7B321825M-QC65 Datasheet HTML 6Page - Samsung semiconductor K7B321825M-QC65 Datasheet HTML 7Page - Samsung semiconductor K7B321825M-QC65 Datasheet HTML 8Page - Samsung semiconductor K7B321825M-QC65 Datasheet HTML 9Page - Samsung semiconductor K7B321825M-QC65 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
K7B321825M
1Mx36 & 2Mx18 Synchronous SRAM
- 6 -
Rev 2.0
Nov. 2003
K7B323625M
FUNCTION DESCRIPTION
The K7B323625M and K7B321825M are synchronous SRAM designed to support the burst address accessing sequence of the
Power PC based microprocessor. All inputs (with the exception of OE, LBO and ZZ) are sampled on rising clock edges. The start and
duration of the burst access is controlled by ADSC, ADSP and ADV and chip select pins.
The accesses are enabled with the chip select signals and output enabled signals. Wait states are inserted into the access with
ADV.
When ZZ is pulled high, the SRAM will enter a Power Down State. At this time, internal state of the SRAM is preserved. When ZZ
returns to low, the SRAM normally operates after 2cycles of wake up time. ZZ pin is pulled down internally.
Read cycles are initiated with ADSP(or ADSC) using the new external address clocked into the on-chip address register when both
GW and BW are high or when BW is low and WEa, WEb, WEc, and WE d are high. When ADSP is sampled low, the chip selects are
sampled active, and the output buffer is enabled with OE. the data of cell array accessed by the current address are projected to the
output pins.
Write cycles are also initiated with ADSP(or ADSC) and are differentiated into two kinds of operations; All byte write operation and
individual byte write operation.
All byte write occurs by enabling GW(independent of BW and WEx.), and individual byte write is performed only when GW is high
and BW is low. In K7B163625M, a 512Kx36 organization, WEa controls DQa0 ~ DQa7 and DQPa, WEb controls DQb0 ~ DQb7 and
DQPb, WEc controls DQc0 ~ DQc7 and DQPc and WEd controls DQd0 ~ DQd7 and DQPd.
CS1 is used to enable the device and conditions internal use of ADSP and is sampled only when a new external address is loaded.
ADV is ignored at the clock edge when ADSP is asserted, but can be sampled on the subsequent clock edges. The address
increases internally for the next access of the burst when ADV is sampled low.
Addresses are generated for the burst access as shown below, The starting point of the burst sequence is provided by the external
address. The burst address counter wraps around to its initial state upon completion. The burst sequence is determined by the state
of the LBO pin. When this pin is Low, linear burst sequence is selected. And this pin is High, Interleaved burst sequence is selected.
BURST SEQUENCE TABLE
(Interleaved Burst)
LBO PIN
HIGH
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
0
1
1
1
0
1
0
1
1
0
0
0
1
0
1
1
1
0
0
1
0
1
0
BQ TABLE
(Linear Burst)
Note : 1. LBO pin must be tied to High or Low, and Floating State must not be allowed
.
LBO PIN
LOW
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
1
1
0
1
0
1
0
1
1
0
0
0
1
0
1
1
0
0
1
1
0
1
0


Similar Part No. - K7B321825M-QC65

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B321825M-QC65 SAMSUNG-K7B321825M-QC65 Datasheet
247Kb / 18P
   1Mx36 & 2Mx18 Synchronous SRAM
More results

Similar Description - K7B321825M-QC65

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B323635C SAMSUNG-K7B323635C Datasheet
443Kb / 20P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A321800M SAMSUNG-K7A321800M Datasheet
247Kb / 18P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
logo
Integrated Silicon Solu...
IS61DDPB22M18A ISSI-IS61DDPB22M18A Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
logo
Samsung semiconductor
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com