Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPA-3010HD Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KPA-3010HD
Description  3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPA-3010HD Datasheet(HTML) 2 Page - Kingbright Corporation

  KPA-3010HD Datasheet HTML 1Page - Kingbright Corporation KPA-3010HD Datasheet HTML 2Page - Kingbright Corporation KPA-3010HD Datasheet HTML 3Page - Kingbright Corporation KPA-3010HD Datasheet HTML 4Page - Kingbright Corporation KPA-3010HD Datasheet HTML 5Page - Kingbright Corporation KPA-3010HD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1-KPA3010-2
Parameter
Bright
Red
High
Efficiency
Red
Yellow
Super
Bright
Red
Super
Bright
Green
Super
Bright
Yellow
Units
Power dissipation
105
105
105
100
105
125
mW
DC Forward Current
25
30
30
30
25
30
mA
Peak Forward Current [1]
150
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Peak Wavelength
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
700
625
590
660
565
595
nm
IF=20mA
Spectral Line
Halfwidth
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
45
45
35
20
30
20
nm
IF=20mA
Capacitance
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
40
12
10
95
45
33
pF
VF=0V;f=1MHz
Forward Voltage
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
2.0
2.0
2.1
1.85
2.2
2.0
2.5
2.5
2.5
2.5
2.5
2.4
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Electrical / Optical Characteristics at T A=25
°C
Absolute Maximum Ratings at T A=25
°C
IR
vF
C
∆λ1/2
λpeak
°C
°C
Note:
1.1/10DutyCycle,0.1msPulseWidth.


Similar Part No. - KPA-3010HD

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPA-3010CGCK TO-GRACE-KPA-3010CGCK Datasheet
854Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
KPA-3010EC TO-GRACE-KPA-3010EC Datasheet
836Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
KPA-3010QBC-D TO-GRACE-KPA-3010QBC-D Datasheet
842Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
KPA-3010SECK TO-GRACE-KPA-3010SECK Datasheet
843Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
KPA-3010SGC TO-GRACE-KPA-3010SGC Datasheet
842Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - KPA-3010HD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3010LSEKJ3ZGKQBC KINGBRIGHT-APFA3010LSEKJ3ZGKQBC Datasheet
376Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010SURKZGSYKC KINGBRIGHT-APFA3010SURKZGSYKC Datasheet
357Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKBBABGA56W SUNLED-ZMDKBBABGA56W Datasheet
257Kb / 6P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZURUY56W SUNLED-ZURUY56W Datasheet
215Kb / 5P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED L
logo
HK TO-GRACE TECHNOLOGY ...
KPFA-3011BZ1RGZ1C-132-F TO-GRACE-KPFA-3011BZ1RGZ1C-132-F Datasheet
2Mb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010SEEZGKQBKC KINGBRIGHT-APFA3010SEEZGKQBKC Datasheet
312Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGQBDC KINGBRIGHT-APFA3010SEEZGQBDC Datasheet
311Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEKJ3ZGKQBKC KINGBRIGHT-APFA3010SEKJ3ZGKQBKC Datasheet
358Kb / 7P
   3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com