Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6668 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6668 Datasheet HTML 7Page - STMicroelectronics L6668 Datasheet HTML 8Page - STMicroelectronics L6668 Datasheet HTML 9Page - STMicroelectronics L6668 Datasheet HTML 10Page - STMicroelectronics L6668 Datasheet HTML 11Page - STMicroelectronics L6668 Datasheet HTML 12Page - STMicroelectronics L6668 Datasheet HTML 13Page - STMicroelectronics L6668 Datasheet HTML 14Page - STMicroelectronics L6668 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
L6668
Figure 29. S-COMP ramp vs. Tj
Figure 30. UVLO saturation vs. Tj
Figure 31. Gate-drive clamp vs. Tj
Figure 32. Gate-drive output low saturation
Figure 33. Gate-drive output high saturation
Tj (°C)
Vpin15
(V)
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
Vcc = 15 V
RS-SCOMP = 3 k
Peak
Valley
Tj (°C)
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1
Vcc = 0 V
Vpin4
(V)
Tj (°C)
Vpin4 clamp
(V)
-50
0
50
100
150
12
12.2
12.4
12.6
12.8
13
Vcc = 20 V
Vpin4[V]
0
200
400
600
800
1,000
1,200
0
1
2
3
4
5
IGD[mA]
Tj = 25 °C
Vcc = 12 V
SINK
0
200
400
600
800
1,000
Vpin4[V]
IGD[mA]
Tj = 25 °C
Vcc = 12 V
SOURCE
Vcc - 2.0
Vcc - 5.0
Vcc - 3.0
Vcc - 6.0
Vcc - 4.0


Similar Part No. - L6668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
More results

Similar Description - L6668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L4990 STMICROELECTRONICS-L4990 Datasheet
322Kb / 24P
   PRIMARY CONTROLLER
July 1999
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
   Primary PWM Controller
July 2004 Revision 1
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
   Primary PWM Controller
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
Texas Instruments
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
   PRIMARY CONTROLLER WITH STANDBY
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com