Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN83C180 Datasheet(PDF) 4 Page - SMSC Corporation

Part # LAN83C180
Description  10/100 FAST ETHERNET PHY TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C180 Datasheet(HTML) 4 Page - SMSC Corporation

  LAN83C180 Datasheet HTML 1Page - SMSC Corporation LAN83C180 Datasheet HTML 2Page - SMSC Corporation LAN83C180 Datasheet HTML 3Page - SMSC Corporation LAN83C180 Datasheet HTML 4Page - SMSC Corporation LAN83C180 Datasheet HTML 5Page - SMSC Corporation LAN83C180 Datasheet HTML 6Page - SMSC Corporation LAN83C180 Datasheet HTML 7Page - SMSC Corporation LAN83C180 Datasheet HTML 8Page - SMSC Corporation LAN83C180 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Migrating from the LAN83C180 10/100 PHY to the LAN83C185 10/100 PHY
SMSC AN 10.13
Page 4
Revision 1.2 (07-12-04)
APPLICATION NOTE
2
Summary of Differences Between the LAN83C180 and
LAN83C185
The areas listed below briefly outline areas of change that a designer needs to address when transitioning
from the LAN83C180 to LAN83C185 designs. For details, please refer to the corresponding sections in this
application note.
Table 2.1 – Design Transitions from the LAN83C180 to LAN83C185
SECTION
DESCRIPTION
PAGE (S)
3 Power Requirements
+3v Voltage Source
5
Magnetics
6
Transmit Terminations
6
4 Cable Interface
Receive Terminations
7
5 Clock Circuit
Parallel Crystal Circuit
Crystal Series Terminations
8
6 LED’s
LED Function Indicators
8
Pinout Differences
Non-Pin Compatible
9
PHY Address
Dedicated vs. Non-dedicated pins
9
MII Interface
MDIO Pull-up
RX Series Terminations
9
RBIAS
Dual vs. Single RBIAS Pin
10
7 General Considerations
Mode
Dual- vs. Tri-pin Implementation
10


Similar Part No. - LAN83C180

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
LAN83C180TQFP SMSC-LAN83C180TQFP Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
More results

Similar Description - LAN83C180

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
   Single port 10/100 Fast Ethernet Transceiver
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com