Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC201V02-A3 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LC201V02-A3
Description  20.1 VGA TFT LCD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC201V02-A3 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LC201V02-A3 Datasheet HTML 3Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 4Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 5Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 6Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 7Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 8Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 9Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 10Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Product Specification
7 / 26
LC201V02
Liquid Crystal Display
Ver. 0.1
Jan. 17, 2003
Table 2_2. ELECTRICAL CHARACTERISTICS
Note : The design of the inverter must have specifications for the lamp in LCD Assembly.
The performance of the Lamp in LCM, for example life time or brightness, is extremely influenced by
the characteristics of the DC-AC inverter. So all the parameters of an inverter should be carefully
designed so as not to produce too much leakage current from high-voltage output of the inverter.
When you design or order the inverter, please make sure unwanted lighting caused by the mismatch
of the lamp and the inverter (no lighting, flicker, etc) never occurs. When you confirm it, the LCD–
Assembly should be operated in the same condition as installed in you instrument.
?
Do not attach a conducting tape to lamp connecting wire.
If the lamp wire attach to a conducting tape, TFT-LCD Module has a low luminance and the inverter
has abnormal action. Because leakage current is occurred between lamp wire and conducting tape.
1. Specified values are for a single lamp.
2. Operating voltage is measured at 25
± 2°C. The variance of the voltage is ± 10%.
3. The voltage above V
S should be applied to the lamps for more than 1 second for start-up.
(Inverter open voltage must be more than lamp starting voltage.)
Otherwise, the lamps may not be turned on. The used lamp current is the lamp typical current.
4. Lamp frequency may produce interface with horizontal synchronous frequency and as a result this may
cause beat on the display. Therefore lamp frequency shall be as away possible from the horizontal
synchronous frequency and from its harmonics in order to prevent interference.
5. Let’s define the brightness of the lamp after being lighted for 5 minutes as 100%.
T
S is the time required for the brightness of the center of the lamp to be not less than 95%.
6. The lamp power consumption shown above does not include loss of external inverter.
The used lamp current is the lamp typical current. (P
BL = VBL x IBL x NLamp )
7. The life is determined as the time at which brightness of the lamp is 50% compared to that of initial
value at the typical lamp current on condition of continuous operating at 25
± 2°C.
6
Watt
33.27
30.24
PBL
Power Consumption
1, 5
Min
3
Ts
Discharge Stabilization Time
at 0 °C
at 25 °C
V
RMS
1,430
4
kHz
60
50
40
fBL
Operating Frequency
1, 3
Vs
Established Starting Voltage
V
RMS
1,100
1, 2
V
RMS
825(3mA)
720(7mA)
700(7.5mA)
VBL
Operating Voltage
1
mA
RMS
7.5
7.0
3.0
IBL
Operating Current
LAMP :
1, 7
Hrs
50,000
Life Time
Parameter
Symbol
Max
Typ
Min
Notes
Unit
Values


Similar Part No. - LC201V02-A3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC201 SEOUL-LC201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC201 SEOUL-LC201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC201V02-A3

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM201W01 LG-LM201W01 Datasheet
782Kb / 29P
   20.1 WSXGA TFT LCD
logo
AU Optronics Corp.,
M201EW02-V8 AUO-M201EW02-V8 Datasheet
1Mb / 25P
   20.1 W WSXGA Color TFT-LCD
logo
Purdy Electronics Corpo...
AND10C210-DHB PURDY-AND10C210-DHB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB-KIT PURDY-AND10C210-HB-KIT Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261F-HB PURDY-AND104A261F-HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB PURDY-AND10C210-HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261G-4HB PURDY-AND104A261G-4HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-4HB PURDY-AND10C210-4HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
logo
AZ Displays
ATM6448B-NLW-FBH AZDISPLAYS-ATM6448B-NLW-FBH Datasheet
2Mb / 26P
   3,5 VGA VERY HIGH BRIGHTNESS TFT-LCD
logo
List of Unclassifed Man...
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
   Digital Interface VGA TFT LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com