Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC201V02-A3 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LC201V02-A3
Description  20.1 VGA TFT LCD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC201V02-A3 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LC201V02-A3 Datasheet HTML 4Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 5Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 6Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 7Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 8Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 9Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 10Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 11Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Product Specification
8 / 26
LC201V02
Liquid Crystal Display
Ver. 0.1
Jan. 17, 2003
I p
I -p
* Asymmetry rate:
| I
p – I –p | / Irms x 100%
* Distortion rate
I
p (or I –p) / Irms
8. The output of the inverter must have symmetrical(negative and positive) voltage waveform and
symmetrical current waveform (Unsymmetrical ratio is less than 10%). Please do not use the inverter
which has unsymmetrical voltage and unsymmetrical current and spike wave.
Requirements for a system inverter design, which is intended to have a better display performance, a
better power efficiency and a more reliable lamp, are following.
It shall help increase the lamp lifetime and reduce leakage current.
a. The asymmetry rate of the inverter waveform should be less than 10%.
b. The distortion rate of the waveform should be within v2 ±10%.
* Inverter output waveform had better be more similar to ideal sine wave.
9. The inverter which is combined with this LCM, is highly recommended to connect coupling(ballast)
condenser at the high voltage output side. When you use the inverter which has not coupling(ballast)
condenser, it may cause abnormal lamp lighting because of biased mercury as time goes.
10.In case of edgy type back light with over 4 parallel lamps, input current and voltage wave form should
be synchronized


Similar Part No. - LC201V02-A3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC201 SEOUL-LC201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC201 SEOUL-LC201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC201V02-A3

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM201W01 LG-LM201W01 Datasheet
782Kb / 29P
   20.1 WSXGA TFT LCD
logo
AU Optronics Corp.,
M201EW02-V8 AUO-M201EW02-V8 Datasheet
1Mb / 25P
   20.1 W WSXGA Color TFT-LCD
logo
Purdy Electronics Corpo...
AND10C210-DHB PURDY-AND10C210-DHB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB-KIT PURDY-AND10C210-HB-KIT Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261F-HB PURDY-AND104A261F-HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB PURDY-AND10C210-HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261G-4HB PURDY-AND104A261G-4HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-4HB PURDY-AND10C210-4HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
logo
AZ Displays
ATM6448B-NLW-FBH AZDISPLAYS-ATM6448B-NLW-FBH Datasheet
2Mb / 26P
   3,5 VGA VERY HIGH BRIGHTNESS TFT-LCD
logo
List of Unclassifed Man...
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
   Digital Interface VGA TFT LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com