Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 4Page - STMicroelectronics M41T62 Datasheet HTML 5Page - STMicroelectronics M41T62 Datasheet HTML 6Page - STMicroelectronics M41T62 Datasheet HTML 7Page - STMicroelectronics M41T62 Datasheet HTML 8Page - STMicroelectronics M41T62 Datasheet HTML 9Page - STMicroelectronics M41T62 Datasheet HTML 10Page - STMicroelectronics M41T62 Datasheet HTML 11Page - STMicroelectronics M41T62 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
M41T62/63/64/65
8/33
OPERATION
The M41T6x clock operates as a slave device on
the serial bus. Access is obtained by implementing
a start condition followed by the correct slave ad-
dress (D0h). The 16 bytes contained in the device
can then be accessed sequentially in the following
order:
1.
Tenths/Hundredths of a Second Register
2.
Seconds Register
3.
Minutes Register
4.
Hours Register
5.
Square Wave/Day Register
6.
Date Register
7.
Century/Month Register
8.
Year Register
9.
Calibration Register
10. Watchdog Register
11 - 15. Alarm Registers
16. Flags Register
2-Wire Bus Characteristics
The bus is intended for communication between
different ICs. It consists of two lines: a bi-direction-
al data signal (SDA) and a clock signal (SCL).
Both the SDA and SCL lines must be connected to
a positive supply voltage via a pull-up resistor.
The following protocol has been defined:
Data transfer may be initiated only when the
bus is not busy.
During data transfer, the data line must remain
stable whenever the clock line is High.
Changes in the data line, while the clock line is
High, will be interpreted as control signals.
Accordingly, the following bus conditions have
been defined:
Bus not busy. Both data and clock lines remain
High.
Start data transfer. A change in the state of the
data line, from high to Low, while the clock is High,
defines the START condition.
Stop data transfer. A change in the state of the
data line, from Low to High, while the clock is High,
defines the STOP condition.
Data Valid. The state of the data line represents
valid data when after a start condition, the data line
is stable for the duration of the high period of the
clock signal. The data on the line may be changed
during the Low period of the clock signal. There is
one clock pulse per bit of data.
Each data transfer is initiated with a start condition
and terminated with a stop condition. The number
of data bytes transferred between the start and
stop conditions is not limited. The information is
transmitted byte-wide and each receiver acknowl-
edges with a ninth bit.
By definition a device that gives out a message is
called “transmitter,” the receiving device that gets
the message is called “receiver.” The device that
controls the message is called “master.” The de-
vices that are controlled by the master are called
“slaves.”


Similar Part No. - M41T62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62 Datasheet
314Kb / 40P
   Serial Access Real-Time Clock with Alarms
M41T62 STMICROELECTRONICS-M41T62 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
M41T62 STMICROELECTRONICS-M41T62 Datasheet
878Kb / 44P
   Serial real-time clocks (RTCs) with alarm
M41T62 STMICROELECTRONICS-M41T62 Datasheet
706Kb / 42P
   Low-power serial real-time clocks (RTCs) with alarm
Rev 24 - September 2019
M41T62LC6F STMICROELECTRONICS-M41T62LC6F Datasheet
878Kb / 44P
   Serial real-time clocks (RTCs) with alarm
More results

Similar Description - M41T62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
   Serial access real-time clock with alarms
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
   Serial Access Real-Time Clock with Alarms
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
   Serial Access Digital Input Real-Time Clock with Alarms
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
   Serial real-time clock with alarms
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com