Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69AR048B Datasheet(PDF) 10 Page - STMicroelectronics

Part # M69AR048B
Description  32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AR048B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M69AR048B Datasheet HTML 6Page - STMicroelectronics M69AR048B Datasheet HTML 7Page - STMicroelectronics M69AR048B Datasheet HTML 8Page - STMicroelectronics M69AR048B Datasheet HTML 9Page - STMicroelectronics M69AR048B Datasheet HTML 10Page - STMicroelectronics M69AR048B Datasheet HTML 11Page - STMicroelectronics M69AR048B Datasheet HTML 12Page - STMicroelectronics M69AR048B Datasheet HTML 13Page - STMicroelectronics M69AR048B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
M69AR048B
10/29
Table 4. Power-Down Program Sequence
Note: 1. PDC Power-Down Configuration.
Table 5. Power-Down Configuration Data
Table 6. Power-Down Configuration Addresses
Cycle #
Operation
Address
Data
1st
Read
1FFFFFh (MSB)
Read Data (RDa)
2nd
Write
1FFFFFh
RDa
3rd
Write
1FFFFFh
RDa
4th
Write
1FFFFFh
0000h
5th
Write
1FFFFFh
PDC Data(1)
6th
Read
PDC Address(1)
Read Data (RDb)
Mode
Power-Down Configuration Data
DQ15–DQ9
DQ8-DQ2
DQ1
DQ0
Deep Power-Down (default)
0
0
1
1
4Mb Partial Power-Down
0
0
1
0
8Mb Partial Power-Down
0
0
0
1
16Mb Partial Power-Down
0
0
0
0
Mode
Power-Down Configuration Addresses
A20
A19
A18–A0
Binary
Deep Power-Down (default)
1
1
1
1FFFFFh
4Mb Partial Power-Down
0
1
1
0FFFFFh
8Mb Partial Power-Down
1
0
1
17FFFFh
16Mb Partial Power-Down
0
0
1
07FFFFh


Similar Part No. - M69AR048B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
September 2004
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
M69AW024BE60ZB8F STMICROELECTRONICS-M69AW024BE60ZB8F Datasheet
324Kb / 25P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
M69AW024BL60ZB8T STMICROELECTRONICS-M69AW024BL60ZB8T Datasheet
429Kb / 29P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
September 2004
M69AW024BL70ZB8T STMICROELECTRONICS-M69AW024BL70ZB8T Datasheet
429Kb / 29P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
September 2004
More results

Similar Description - M69AR048B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69AW048B STMICROELECTRONICS-M69AW048B Datasheet
433Kb / 29P
   32 Mbit (2M x16) 3V Asynchronous PSRAM
November 2004
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
September 2004
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
   128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
   16 Mbit 1M x16 1.8V Asynchronous SRAM
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
   8 Mbit 512K x16 1.8V Asynchronous SRAM
M27W032 STMICROELECTRONICS-M27W032 Datasheet
365Kb / 23P
   32 Mbit 2Mb x16 3V Supply FlexibleROM??Memory
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
logo
STMicroelectronics
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com