Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M675-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M675-01
Description  VOLTAGE CONTROLLED SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M675-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M675-01 Datasheet HTML 1Page - Integrated Circuit Systems M675-01 Datasheet HTML 2Page - Integrated Circuit Systems M675-01 Datasheet HTML 3Page - Integrated Circuit Systems M675-01 Datasheet HTML 4Page - Integrated Circuit Systems M675-01 Datasheet HTML 5Page - Integrated Circuit Systems M675-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M675 Datasheet Rev 0.4
2 of 6
Revised 16Nov2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M675
VOLTAGE CONTROLLED SAW OSCILLATOR
Preliminar y In f o r m atio n
PIN DESCRIPTIONS
Number
Name
I/O
Configuration
Description
1VIN
Input
Frequency control input.
2CLK_EN
Input
Internal pull-up resistor1
Clock enable:
Logic 1 enables normal operation.
Logic 0 stops the output clock;
nFOUT
is held high, FOUT is held low.
3GND
Ground
Power supply ground connection.
4
5
FOUT
nFOUT
Output
No internal terminator
Clock output pair. Differential LVPECL.
6VCC
Power
Power supply connection, connect to +3.3V.
Table 2: Pin Descriptions
Note 1: See “Clock Enable Pull-up” in Table 5 (DC Characteristics for M675-01 on pg. 3) and Table 7 (DC Characteristics for M675-02 on pg. 4).
ABSOLUTE MAXIMUM RATINGS1
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional operation of product at these conditions
or any conditions beyond those listed in Recommended Conditions of Operation, DC Characteristics, or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Symbol Parameter
Rating
Unit
V
I
Inputs
-0.5 to V
CC +0.5
V
V
O
Outputs
-0.5 to V
CC +0.5
V
V
CC
Power Supply Voltage
4.6
V
T
S
Storage Temperature
-55 to +125
oC
Table 3: Absolute Maximum Ratings
RECOMMENDED CONDITIONS OF OPERATION
Symbol Parameter
Min
Typ
Max
Unit
V
CC
Positive Supply Voltage
2.97
3.3
3.63
V
T
A
Ambient Operating Temperature
-40
25
+85
oC
Table 4: Recommended Conditions of Operation


Similar Part No. - M675-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675-01-BA IDT-M675-01-BA Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BB IDT-M675-01-BB Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BD IDT-M675-01-BD Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BH IDT-M675-01-BH Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
More results

Similar Description - M675-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com