Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36L0R7050B0ZAQE Datasheet(PDF) 11 Page - STMicroelectronics

Part # M36L0R7050B0ZAQE
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36L0R7050B0ZAQE Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M36L0R7050B0ZAQE Datasheet HTML 7Page - STMicroelectronics M36L0R7050B0ZAQE Datasheet HTML 8Page - STMicroelectronics M36L0R7050B0ZAQE Datasheet HTML 9Page - STMicroelectronics M36L0R7050B0ZAQE Datasheet HTML 10Page - STMicroelectronics M36L0R7050B0ZAQE Datasheet HTML 11Page - STMicroelectronics M36L0R7050B0ZAQE Datasheet HTML 12Page - STMicroelectronics M36L0R7050B0ZAQE Datasheet HTML 13Page - STMicroelectronics M36L0R7050B0ZAQE Datasheet HTML 14Page - STMicroelectronics M36L0R7050B0ZAQE Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
M36L0R7050T0, M36L0R7050B0
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 4. Absolute Maximum Ratings
Note: 1. Compliant with the JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification,
and the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU.
Symbol
Parameter
Value
Unit
Min
Max
TA
Ambient Operating Temperature
–25
85
°C
TBIAS
Temperature Under Bias
–25
85
°C
TSTG
Storage Temperature
–55
125
°C
TLEAD
Lead Temperature during Soldering
(1)
°C
VIO
Input or Output Voltage
–0.5
3.6
V
VDDF, VDDQ,
VDDP
Core and Input/Output Supply Voltages
–0.2
2.5
V
VPPF
Flash Program Voltage
–0.2
14
V
IO
Output Short Circuit Current
100
mA
tVPPFH
Time for VPPF at VPPFH
100
hours


Similar Part No. - M36L0R7050B0ZAQE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R7050L1 STMICROELECTRONICS-M36L0R7050L1 Datasheet
170Kb / 22P
   128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
M36L0R7050L1ZAME STMICROELECTRONICS-M36L0R7050L1ZAME Datasheet
170Kb / 22P
   128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
M36L0R7050L1ZAMF STMICROELECTRONICS-M36L0R7050L1ZAMF Datasheet
170Kb / 22P
   128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
M36L0R7050U1 STMICROELECTRONICS-M36L0R7050U1 Datasheet
170Kb / 22P
   128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
M36L0R7050U1ZAME STMICROELECTRONICS-M36L0R7050U1ZAME Datasheet
170Kb / 22P
   128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
More results

Similar Description - M36L0R7050B0ZAQE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com