Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61518FP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M61518FP
Description  AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61518FP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M61518FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61518FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61518FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61518FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61518FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61518FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M61518FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M61518FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M61518FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
M61518FP
MITSUBISHI ICs (SOUND PROCESSOR)
MITSUBISHI
ELECTRIC
Gv=20log
R2+R3
R1
+2
+2
Fo=
2
π
R1(R2+R3)C1C2
1
Q=
C1+C2
1
C1C2R2
R1
R3
R1
R2,R3 Standard value(Reference)
(2) Cut equivalent circuit
(dB)
(Hz)
2dB
4dB
6dB
8dB
10dB
R2
R3
(k
Ω)
10.46
26.79
18.77
18.48
25.36
11.89
30.61
6.64
34.77
2.48
Gain
(In the case of C1=C2)
IN
BASO1
R2
C1
C2
R1
R3
(1) Boost equivalent circuit
BASI1
21
22
Gv=20log
R3
R1
+2
+2
Fo=
2
π
R1(R2+R3)C1C2
1
C1+C2
1
C1C2R2
R1
R2+R3
R1
R2,R3 Standard value(Reference)
(dB)
(Hz)
-2dB
-4dB
-6dB
-8dB
-10dB
R2
R3
(k
Ω)
10.46
26.79
18.77
18.48
25.36
11.89
30.61
6.64
34.77
2.48
Gain
(in the case of C1=C2)
IN
BASI1
R3
C2
C1
R1
R2
BASO1
OUT
OUT
Bass, Mid, Treble Circuit composition is common
Resis
-tance
Resis
-tance
TONE CONTROL EQUIVALENT CIRCUIT
Q =
22
21


Similar Part No. - M61518FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61518FP RENESAS-M61518FP Datasheet
245Kb / 16P
   Audio Signal Processor with Rec/Play Back Amplifier
More results

Similar Description - M61518FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61518FP RENESAS-M61518FP Datasheet
245Kb / 16P
   Audio Signal Processor with Rec/Play Back Amplifier
logo
Rohm
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
logo
STMicroelectronics
STV5712 STMICROELECTRONICS-STV5712 Datasheet
78Kb / 8P
   ADVANCED FM AUDIO PLAY-BACK AND RECORD AMPLIFIER FOR VCR
logo
Toshiba Semiconductor
TA8819F TOSHIBA-TA8819F Datasheet
1,015Kb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
   AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
Renesas Technology Corp
M61529FP RENESAS-M61529FP Datasheet
426Kb / 24P
   Audio Signal Processor with Surround
logo
Hitachi Semiconductor
REJ03F0010_M61529FP HITACHI-REJ03F0010_M61529FP Datasheet
442Kb / 24P
   Audio Signal Processor with Surround
logo
Renesas Technology Corp
M61519FP RENESAS-M61519FP Datasheet
312Kb / 22P
   Audio Signal Processor with Surround
logo
Rohm
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com