Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M675-02-AA Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M675-02-AA
Description  VOLTAGE CONTROLLED SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M675-02-AA Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M675-02-AA Datasheet HTML 1Page - Integrated Circuit Systems M675-02-AA Datasheet HTML 2Page - Integrated Circuit Systems M675-02-AA Datasheet HTML 3Page - Integrated Circuit Systems M675-02-AA Datasheet HTML 4Page - Integrated Circuit Systems M675-02-AA Datasheet HTML 5Page - Integrated Circuit Systems M675-02-AA Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M675 Datasheet Rev 0.4
4 of 6
Revised 16Nov2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M675
VOLTAGE CONTROLLED SAW OSCILLATOR
Preliminar y In f o r m atio n
ELECTRICAL SPECIFICATIONS FOR M675-02
DC Characteristics for M675-02
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Freq. = 622.08 MHz, Outputs terminated into 180Ω to ground
Symbol Parameter
Pin
Min
Typ
Max
Unit
Power Supply V
CC
Positive Supply Voltage
VCC
2.97
3.3
3.63
V
I
CC
Power Supply Current
85
125
mA
Control
Voltage
V
IN
Input Control Voltage Range
VIN
0
3.3
V
V
IN Input Impedence
100
k
Clock Enable
Pull-up1
Note 1: Internally pulled up to Logic 1 (normal operation) if left unselected.
V
IH
Input High Voltage
CLK_EN
2
Vcc + 0.3 V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
5
µA
I
IL
Input Low Current
-150
µA
Rpullup
Internal Pull-up Resistor
51
k
Differential
Outputs
V
OH
Output High Voltage
FOUT, nFOUT
Vcc - 0.98
Vcc - 0.75 V
V
OL
Output Low Voltage
Vcc - 1.95
Vcc - 1.63 V
V
P
-P
Peak to Peak Output Voltage2
Note 2: Single-ended measurement. See Figure 3, Output Rise and Fall Time, on pg. 5.
0.450
0.625
0.85
V
P
-P
I
OUT
Output Current
20
mA
Table 7: DC Characteristics for M675-02
AC Characteristics for M675-02
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Freq. = 622.08 MHz, Outputs terminated into 180Ω to ground
Symbol Parameter
Min
Typ
Max
Unit Notes
Control Voltage V
IN
Modulation Bandwidth
VIN
500
kHz
Output
F
OUT
Output Center Frequency Range M675-02
500
700
MHz
APR
Absolute (Guaranteed) Pull-Range 1
Note 1: Also fully meets ±50 ppm minimum pull-range specification that is commonly required.
±100
ppm
f
STAB
Frequency Stability
100
ppm p-p At any givin VIN
L
IN
Tuning Linearity
6
%
VIN = 0.3 to 3.0V
Best fit straight line
K
VCO
VCO Gain
400
ppm/V VIN = 0.3 to 3.0V
Non-harmonic Spurious
-50
-77
dBc
Φn
SSB (single sideband)
Phase Noise, offset
from carrier
100Hz Offset
-48
dBc/Hz
1kHz Offset
-75
dBc/Hz
10kHz Offset
-99
dBc/Hz
100kHz Offset
-124
dBc/Hz
1MHz Offset
-142
dBc/Hz
J(t)
Jitter (rms)
12kHz to 20MHz
0.30
ps rms
50kHz to 80MHz
0.18
ps rms
odc
Output Duty Cycle 2
Note 2: See Parameter Measurement Information on pg. 5.
45
55
%
t
R
Output Rise Time 2 for FOUT, nFOUT
275
400
ps
20
% to 80%
t
F
Output Fall Time 2 for FOUT, nFOUT
275
400
ps
20
% to 80%
Table 8: AC Characteristics for M675-02


Similar Part No. - M675-02-AA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675-01-BA IDT-M675-01-BA Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BB IDT-M675-01-BB Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BD IDT-M675-01-BD Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BH IDT-M675-01-BH Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
More results

Similar Description - M675-02-AA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com