Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1549ETL Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1549ETL
Description  Dual, Interleaved, Fixed-Frequency Step-Down Controller with a Dynamically Adjustable Output
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1549ETL Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1549ETL Datasheet HTML 1Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 2Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 3Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 4Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 5Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 6Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 7Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 8Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Dual, Interleaved, Fixed-Frequency Step-Down
Controller with a Dynamically Adjustable Output
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VCC = VDD = 5V, SKIP = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FBLANK = VCC
110
150
190
FBLANK = open
60
100
140
Fault-Blanking Time
tFBLANK
FBLANK = REF
22
50
75
µs
Thermal-Shutdown Threshold
TSHDN
Hysteresis = 15°C
+165
°C
VCC Undervoltage-Lockout
Threshold
VCC(UVLO)
Rising edge, PWM disabled below this
level, hysteresis = 50mV
4.1
4.25
4.4
V
CURRENT LIMIT
ILIM_ Adjustment Range
0.25
VREF
V
Current-Limit Input Range
VCSH_, VCSL _
0
2.7
V
CSH_/CSL_ Input Bias Current
VCSH_ = VCSL _ = 0 to 2.7V
-0.15
+0.15
µA
Current-Limit Threshold (Fixed)
VLIMIT
VCSH_ - VCSL _, ILIM_ = VCC
65
70
75
mV
VILIM_ = 2.0V
170
200
230
VILIM_ = 1.0V
91
100
109
Current-Limit Threshold
(Adjustable)
VLIMIT
VCSH_ - VCSL _
VILIM_ = 0.5V
42
50
58
mV
Current-Limit Threshold
(Zero Crossing)
VZX
VPGND - VLX_, SKIP = GND
3
mV
ILIM_ = VCC
10
15
20
mV
Idle-Mode
™ Threshold
VCSH_ - VCSL _
With respect to
current-limit
threshold
20
%
ILIM_ Leakage Current
-0.1
+0.1
µA
GATE DRIVERS
DH_ Gate-Driver On-Resistance
RDH
BST_ - LX_ forced to 5V
1.5
6
DL_, high state
1.5
6
DL_ Gate-Driver On-Resistance
RDL
DL_, low state
0.5
2.7
DH_ Gate-Driver Source/Sink
Current
IDH
DH_ forced to 2.5V, BST_ - LX_ forced to 5V
1A
DL_ Gate-Driver Source Current
IDL (SOURCE) DL_ forced to 2.5V
1
A
DL_ Gate-Driver Sink Current
IDL (SINK)
DL_ forced to 2.5V
3
A
DL_ rising
35
Dead Time
tDEAD
DH_ rising
26
ns
INPUTS AND OUTPUTS
OD_ On-Resistance
ROD_10
100
OD_ Leakage Current
IOD_
OD_ high impedance, VOD_ = 5.5V
100
nA
ON_ Logic Input Threshold
Rising edge, hysteresis = 600mV
2.4
2.6
2.8
V
High
2.4
Logic Input Voltage
SKIP, G0, G1 hysteresis =
600mV
Low
0.8
V
Idle Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX1549ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1549EVKIT MAXIM-MAX1549EVKIT Datasheet
623Kb / 11P
   MAX1549 Evaluation Kit
Rev 0; 5/04
More results

Similar Description - MAX1549ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
   Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
Vishay Siliconix
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
   Dual synchronous step-down controller with adjustable output voltages plus LDO
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com