Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1549 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1549
Description  Dual, Interleaved, Fixed-Frequency Step-Down Controller with a Dynamically Adjustable Output
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1549 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1549 Datasheet HTML 1Page - Maxim Integrated Products MAX1549 Datasheet HTML 2Page - Maxim Integrated Products MAX1549 Datasheet HTML 3Page - Maxim Integrated Products MAX1549 Datasheet HTML 4Page - Maxim Integrated Products MAX1549 Datasheet HTML 5Page - Maxim Integrated Products MAX1549 Datasheet HTML 6Page - Maxim Integrated Products MAX1549 Datasheet HTML 7Page - Maxim Integrated Products MAX1549 Datasheet HTML 8Page - Maxim Integrated Products MAX1549 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
General Description
The MAX1549 dual pulse-width modulation (PWM) step-
down controller provides the high efficiency, excellent
transient response, and high DC-output accuracy nec-
essary for generating low-voltage chipset and RAM
power supplies in notebook computers. The controller
employs a fixed-frequency, current-mode PWM archi-
tecture that does not require complex compensation.
The MAX1549 also interleaves the dual step-down regu-
lators, minimizing the input capacitor requirements.
The MAX1549 features differential current-sense inputs
for accurately sensing the inductor current across an
external current-sense resistor in series with the output
to ensure reliable overload protection. Alternatively, the
controller can provide overload protection using loss-
less inductor current-sensing methods, lowering power
dissipation and reducing system cost.
Single-stage buck conversion allows the MAX1549 to
directly step down high-voltage batteries for the highest
possible efficiency. Very low output-voltage applica-
tions require two-stage conversion—stepping down
from another system supply rail instead of the battery.
The MAX1549 powers chipsets and graphics processor
cores that require dynamically adjustable output voltages,
or generates the active termination bus that must track
the input reference. The main step-down controller
(OUT1) regulates the dedicated reference input (REFIN)
voltage generated by a resistive voltage-divider from the
MAX1549’s reference. The MAX1549 also includes inter-
nal open-drain pulldowns with logic-level control inputs to
dynamically adjust the REFIN resistive-divider ratio. When
a transition occurs on these control inputs, the controller
enters forced-PWM mode and blanks the power-good
(PGOOD1) output and output fault protection. OUT2 uses
a Dual-Mode™ feedback input to provide either fixed
2.5V/1.8V or adjustable output voltage regulation. The
MAX1549 is available in a 40-pin, 6mm x 6mm thin QFN
package.
Applications
Notebook Computers
Dynamically Adjustable Chipset Supplies
Video/GPU Core Supplies
DDR Memory Termination
CPU Core or VCC Supplies
Fixed Chipset/RAM Supplies
Active Termination Buses
Features
♦ Interleaved, Fixed-Frequency, Current-Mode
Control Architecture
♦ 1% VOUT Accuracy Over Line and Load
♦ Main Output (OUT1)
0.5V to 2.0V Adjustable Output
External Reference Input for Dynamically
Selectable Output Voltages
Four Digitally Selectable Output Voltages
Power-Good and Fault Blanking During
Transitions
♦ Second Output (OUT2)
2.5V/1.8V Fixed or 0.5V to 2.7V Adjustable
Output
♦ Accurate Differential Current-Sense Inputs
♦ 100kHz/200kHz/300kHz/400kHz Selectable
Switching Frequency
♦ Output Overvoltage/Undervoltage Protection
♦ Soft-Start and Soft-Shutdown
♦ Drives Large Synchronous-Rectifier FETs
♦ 2V ±0.6% Reference Output
♦ Separate Enable Inputs with Accurate Threshold
Voltages
♦ Separate Power-Good Window Comparators
Dual, Interleaved, Fixed-Frequency Step-Down
Controller with a Dynamically Adjustable Output
________________________________________________________________ Maxim Integrated Products
1
40
36
37
38
39
18
21
23
22
24
25
19 20
16 17
6
5
4
3
2
1
7
8
9
10
11 12 13 14 15
26
27
28
29
30
31
32
33
34
35
FBLANK
MAX1549
THIN QFN
6mm x 6mm
TOP VIEW
LX1
BST1
SKIP
DL1
VDD
N.C.
DL2
PGND
BST2
LX2
G1
G0
ILIM2
ILIM1
CC1
VCC
REF
N.C.
GND
Pin Configuration
Ordering Information
19-3165; Rev 0; 1/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX1549ETL
-40°C to +85°C
40 Thin QFN 6mm x 6mm
Dual Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX1549

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1549 MAXIM-MAX1549 Datasheet
623Kb / 11P
   MAX1549 Evaluation Kit
Rev 0; 5/04
MAX1549EVKIT MAXIM-MAX1549EVKIT Datasheet
623Kb / 11P
   MAX1549 Evaluation Kit
Rev 0; 5/04
More results

Similar Description - MAX1549

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
   Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
Vishay Siliconix
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
   Dual synchronous step-down controller with adjustable output voltages plus LDO
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com