Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1645B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1645B
Description  Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1645B Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1645B Datasheet HTML 1Page - Maxim Integrated Products MAX1645B Datasheet HTML 2Page - Maxim Integrated Products MAX1645B Datasheet HTML 3Page - Maxim Integrated Products MAX1645B Datasheet HTML 4Page - Maxim Integrated Products MAX1645B Datasheet HTML 5Page - Maxim Integrated Products MAX1645B Datasheet HTML 6Page - Maxim Integrated Products MAX1645B Datasheet HTML 7Page - Maxim Integrated Products MAX1645B Datasheet HTML 8Page - Maxim Integrated Products MAX1645B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Advanced Chemistry-Independent, Level 2
Battery Charger with Input Current Limiting
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VDD = +3.3V, VBATT = +16.8V, VDCIN = +18V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VDD = +3.3V, VBATT = +16.8V, VDCIN = +18V, TA = -40°C to +85°C, unless otherwise noted. Guaranteed by design.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SDA Output Data Valid from SCL
tDV
1µs
Maximum Charge Period Without
a ChargingVoltage() or
Charging Current() Loaded
tWDT
140
175
210
s
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL SPECIFICATIONS
DCIN Typical Operating Range
VDCIN
828
V
DCIN Supply Current
IDCIN
8V < VDCIN < 28V
6
mA
DCIN Supply Current Charging
Inhibited
8V < VDCIN < 28V
2
mA
DCIN rising
7.85
DCIN Undervoltage Threshold
When AC_PRESENT
switches
DCIN falling
7
V
LDO Output Voltage
VLDO
8V < VDCIN < 28V, 0 < ILDO < 15mA
5.15
5.65
V
VDD Input Voltage Range
8V < VDCIN < 28V (Note 1)
2.80
5.65
V
VDD rising
2.8
VDD Undervoltage Threshold
When the SMB
responds to commands
VDD falling
2.1
V
VDD Quiescent Current
IDD
0 < VDCIN < 6V, VDD = 5V, VSCL = 5V,
VSDA = 5V
150
µA
REF Output Voltage
VREF
0 < IREF < 200µA
4.035
4.157
V
BATT Undervoltage Threshold
When ICHARGE drops to 128mA (Note 2)
2.4
2.8
V
PDS Charging Source Switch
Turn-Off Threshold
VPDS-OFF
VCVS referred to VBATT, VCVS falling
50
150
mV
PDS Charging Source Switch
Threshold Hysteresis
VPDS-HYS
VCVS referred to VBATT
100
300
mV
PDS Output Low Voltage, PDS
Below CSSP
IPDS = 0
8
12
V
PDS Turn-On Current
PDS = CSSP
100
300
µA
PDS Turn-Off Current
VPDS = VCSSP - 2V, VDCIN = 16V
10
mA
PDL Load Switch Turn-Off
Threshold
VPDL-OFF
VCVS referred to VBATT, VCVS rising
-150
-50
mV
PDL Load Switch Threshold
Hysteresis
VPDL-HYS
VCVS referred to VBATT
100
300
mV
PDL Turn-Off Current
VCSSN - VPDL = 1V
6
mA


Similar Part No. - MAX1645B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1645-MAX1645A MAXIM-MAX1645-MAX1645A Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1645AEEI MAXIM-MAX1645AEEI Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1645EEI MAXIM-MAX1645EEI Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1645EEI MAXIM-MAX1645EEI Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
More results

Similar Description - MAX1645B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
   Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
   Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
logo
Texas Instruments
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com