Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW032DT60T3T Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58BW032DT60T3T
Description  32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW032DT60T3T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58BW032DT60T3T Datasheet HTML 5Page - STMicroelectronics M58BW032DT60T3T Datasheet HTML 6Page - STMicroelectronics M58BW032DT60T3T Datasheet HTML 7Page - STMicroelectronics M58BW032DT60T3T Datasheet HTML 8Page - STMicroelectronics M58BW032DT60T3T Datasheet HTML 9Page - STMicroelectronics M58BW032DT60T3T Datasheet HTML 10Page - STMicroelectronics M58BW032DT60T3T Datasheet HTML 11Page - STMicroelectronics M58BW032DT60T3T Datasheet HTML 12Page - STMicroelectronics M58BW032DT60T3T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9/60
M58BW032BT, M58BW032BB, M58BW032DT, M58BW032DB
Figure 4. PQFP Connections (Top view through package)
AI08919c
12
1
M58BW032BT
M58BW032BB
53
VDDQ
DQ24
DQ25
DQ18
DQ17
DQ16
DQ19
DQ20
DQ21
DQ22
DQ23
VDDQ
DQ29
DQ26
DQ30
DU
DQ31
DQ28
DQ27
A2
A0
A1
VDDQ
DQ7
DQ6
DQ13
DQ14
DQ15
DQ12
DQ11
DQ10
DQ9
VSSQ
DQ8
DQ2
DQ5
DQ0
A19
A18
A16
A17
DQ3
DQ4
VSSQ
VSSQ
DQ1
VDDQ
VSSQ
24
41
64
M58BW032DT
M58BW032DB


Similar Part No. - M58BW032DT60T3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BB STMICROELECTRONICS-M58BW016BB Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T3T STMICROELECTRONICS-M58BW016BB100T3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T6T STMICROELECTRONICS-M58BW016BB100T6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA3T STMICROELECTRONICS-M58BW016BB100ZA3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA6T STMICROELECTRONICS-M58BW016BB100ZA6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
More results

Similar Description - M58BW032DT60T3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com