Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW032DT45ZA3T Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58BW032DT45ZA3T
Description  32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW032DT45ZA3T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58BW032DT45ZA3T Datasheet HTML 3Page - STMicroelectronics M58BW032DT45ZA3T Datasheet HTML 4Page - STMicroelectronics M58BW032DT45ZA3T Datasheet HTML 5Page - STMicroelectronics M58BW032DT45ZA3T Datasheet HTML 6Page - STMicroelectronics M58BW032DT45ZA3T Datasheet HTML 7Page - STMicroelectronics M58BW032DT45ZA3T Datasheet HTML 8Page - STMicroelectronics M58BW032DT45ZA3T Datasheet HTML 9Page - STMicroelectronics M58BW032DT45ZA3T Datasheet HTML 10Page - STMicroelectronics M58BW032DT45ZA3T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7/60
M58BW032BT, M58BW032BB, M58BW032DT, M58BW032DB
Figure 2. Logic Diagram
Table 1. Signal Names
AI08918b
A0-A19
L
DQ0-DQ31
VDD
M58BW032DT
M58BW032DB
E
VSS
RP
G
GD
VDDQ
W
WP
R
K
VPEN
B
VSSQ
VDDQIN
M58BW032BT
M58BW032BB
A0-A19
Address inputs
DQ0-DQ7
Data Input/Output, Command Input
DQ8-DQ15
Data Input/Output, Burst Configuration
Register
DQ16-DQ31
Data Input/Output
B
Burst Address Advance
E
Chip Enable
G
Output Enable
KBurst Clock
L
Latch Enable
R
Valid Data Ready
RP
Reset /Power-Down
W
Write Enable
GD
Output Disable
WP
Write Protect
VDD
Supply Voltage
VDDQ
Power Supply for Output Buffers
VDDQIN
Power Supply for Input Buffers only
VPEN
Program/Erase Enable
VSS
Ground
VSSQ
Input/Output Ground
NC
Not Connected Internally
DU
Don’t Use as Internally Connected


Similar Part No. - M58BW032DT45ZA3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BB STMICROELECTRONICS-M58BW016BB Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T3T STMICROELECTRONICS-M58BW016BB100T3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T6T STMICROELECTRONICS-M58BW016BB100T6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA3T STMICROELECTRONICS-M58BW016BB100ZA3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA6T STMICROELECTRONICS-M58BW016BB100ZA6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
More results

Similar Description - M58BW032DT45ZA3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com