Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5933A Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5933A
Description  Positive High-Voltage, Hot-Swap Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5933A Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5933A Datasheet HTML 6Page - Maxim Integrated Products MAX5933A Datasheet HTML 7Page - Maxim Integrated Products MAX5933A Datasheet HTML 8Page - Maxim Integrated Products MAX5933A Datasheet HTML 9Page - Maxim Integrated Products MAX5933A Datasheet HTML 10Page - Maxim Integrated Products MAX5933A Datasheet HTML 11Page - Maxim Integrated Products MAX5933A Datasheet HTML 12Page - Maxim Integrated Products MAX5933A Datasheet HTML 13Page - Maxim Integrated Products MAX5933A Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers
10
______________________________________________________________________________________
Applications Information
Hot-Circuit Insertion
When circuit boards are inserted into a live backplane,
the supply bypass capacitors on the boards draw high
peak currents from the backplane power bus as they
charge up. The transient currents can permanently
damage the connector pins and glitch the system sup-
ply, causing other boards in the system to reset.
Power-Up Sequence
The power supply on a board is controlled by placing
an external n-channel MOSFET (Q1) in the power path
(Figure 5). Resistor RSENSE provides current detection
and capacitor C1 provides control of the GATE slew
rate. Resistor R6 provides current control-loop compen-
sation, while R5 prevents high-frequency oscillations in
Q1. Resistors R1 and R2 provide undervoltage sensing.
After the power pins first make contact, transistor Q1 is
turned off. When the voltage at ON exceeds the turn-on
threshold voltage, the voltage on VCC exceeds the
undervoltage lockout threshold, and when the voltage
on TIMER is less than 1.233V, transistor Q1 turns on
(Figure 6).
The voltage at GATE rises with a slope equal to
10µA/C1 and the supply inrush current is set at:
IINRUSH = CL x 10µA/C1
When the voltage across the current-sense resistor
RSENSE reaches VSENSETRIP, the inrush current is limit-
ed by the internal current-limit circuitry that adjusts the
voltage on GATE to maintain a constant voltage across
the sense resistor.
Once the voltage at the output has reached its final value,
as sensed by resistors R3 and R4, PWRGD goes high or
PWRGD goes low.
Short-Circuit Protection
The MAX5933_/MAX5947_ feature a programmable fold-
back current limit with an electronic circuit breaker that
protects against short circuits or excessive supply cur-
rents. The current limit is set by placing a sense resistor
between VCC (pin 8) and SENSE (pin 7).
To prevent excessive power dissipation in the pass
transistor and to prevent voltage spikes on the input
supply during short-circuit conditions at the output, the
current folds back as a function of the output voltage
that is sensed at FB (Figure 7).
When the voltage at FB is 0V, the current-limit circuit
drives GATE to force a constant 12mV drop across the
sense resistor. As the output voltage at FB increases,
the voltage across the sense resistor increases until FB
reaches 0.5V. At this point, the voltage across the
sense resistor is held constant at 47mV.
The maximum current limit is calculated as:
ILIMIT = 47mV / RSENSE
For a 0.025
Ω sense resistor, the current limit is set at
1.88A and folds back to 480mA when the output is
shorted to ground.
The MAX5933_/MAX5947_ also feature a variable over-
current response time. The time required to regulate
Q1’s drain current depends on:
1) Q1’s input capacitance
2) GATE capacitor C1 and compensation resistor R6
3) The internal delay from SENSE to GATE
Figure 8 shows the delay from a voltage step at SENSE
until GATE voltage starts falling, as a function of
overdrive.
POWER-UP WAVEFORMS
ISENSE
2A/div
PWRGD
50V/div
OUTPUT
50V/div
GATE
50V/div
20ms/div
Figure 6. Power-Up Waveforms
VCC - VSENSE
VFB
12mV
47mV
0.5V
0V
Figure 7. Current-Limit Sense Voltage vs. Feedback Voltage


Similar Part No. - MAX5933A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5933A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com