Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5933A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5933A
Description  Positive High-Voltage, Hot-Swap Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5933A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5933A Datasheet HTML 1Page - Maxim Integrated Products MAX5933A Datasheet HTML 2Page - Maxim Integrated Products MAX5933A Datasheet HTML 3Page - Maxim Integrated Products MAX5933A Datasheet HTML 4Page - Maxim Integrated Products MAX5933A Datasheet HTML 5Page - Maxim Integrated Products MAX5933A Datasheet HTML 6Page - Maxim Integrated Products MAX5933A Datasheet HTML 7Page - Maxim Integrated Products MAX5933A Datasheet HTML 8Page - Maxim Integrated Products MAX5933A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +24V (MAX5947A/B/C), VCC = +48V (MAX5933A–MAX5933F), GND = 0V, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
VCC .........................................................................-0.3V to +85V
SENSE, FB, ON ..........................................-0.3V to (VCC + 0.3V)
TIMER, PWRGD, PWRGD.......................................-0.3V to +85V
GATE ......................................................................-0.3V to +95V
Maximum GATE Current ....................................-50mA, +150mA
Maximum Current into Any Other Pin................................
±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................470mW
Operating Temperature Range ...........................-40
°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ESD Rating (Human Body Model)......................................2000V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX5947A/B/C
9
80
Supply Voltage Range
VCC
MAX5933A–MAX5933F
33
80
V
Supply Current
ICC
VON = 3V, VCC = 80V
1.4
3.5
mA
MAX5947A/B/C
7.5
8.3
8.8
VCC Undervoltage Lockout
VLKO
VCC low-to-high
transition
MAX5933A–MAX5933F
29.5
31
32.5
V
MAX5947A/B/C
0.4
VCC Undervoltage Lockout
Hysteresis
VLKOHYST
MAX5933A–MAX5933F
2
V
FB High-Voltage Threshold
VFBH
FB low-to-high transition
1.280
1.313
1.345
V
FB Low-Voltage Threshold
VFBL
FB high-to-low transition
1.221
1.233
1.245
V
FB Hysteresis
VFBHYST
80
mV
FB Input Bias Current
IINFB
VFB = 0V
-1
+1
µA
FB Threshold Line Regulation
∆VFB
VCC(MIN)
≤ VCC ≤ 80V, ON = 0V,
TA = 0°C to +70°C
0.05
mV/V
VFB = 0V, TA = 0°C to +70°C
8
12
17
SENSE Trip Voltage
(VCC - VSENSE)
VSENSETRIP
VFB = 1V, TA = 0°C to +70°C
39
47
55
mV
GATE Pullup Current
IGATEUP
Charge pump on, VGATE = 7V
-5
-10
-20
µA
GATE Pulldown Current
IGATEDN
Any fault condition, VGATE = 2V
35
70
100
mA
MAX5933A–MAX5933F
10
13.6
18
VCC = 10.8V to 20V,
MAX5947A/B/C
4.5
6.2
18.0
External N-Channel Gate Drive
∆VGATE
VGATE - VCC
VCC = 20V to 80V,
MAX5947A/B/C
10
13.2
18
V
TIMER Pullup Current
ITIMERUP
VTIMER = 0V
-24
-80
-120
µA
MAX5933A–MAX5933D,
MAX5947A/B/C
1.5
3
4.5
TIMER Pulldown Current
ITIMERON
VTIMER = 1V
MAX5933E/MAX5933F
0.37
0.75
1.12
µA
ON Logic-High Threshold
VONH
ON low-to-high transition
1.280
1.313
1.345
V
ON Logic-Low Threshold
VONL
ON high-to-low transition
1.221
1.233
1.245
V


Similar Part No. - MAX5933A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5933A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com