Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6656MEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6656MEE
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6656MEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6656MEE Datasheet HTML 1Page - Maxim Integrated Products MAX6656MEE Datasheet HTML 2Page - Maxim Integrated Products MAX6656MEE Datasheet HTML 3Page - Maxim Integrated Products MAX6656MEE Datasheet HTML 4Page - Maxim Integrated Products MAX6656MEE Datasheet HTML 5Page - Maxim Integrated Products MAX6656MEE Datasheet HTML 6Page - Maxim Integrated Products MAX6656MEE Datasheet HTML 7Page - Maxim Integrated Products MAX6656MEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Conclusion
The MAX6656 successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality
and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
......Attachments
I. Device Description
A. General
The MAX6656 is a precise voltage and temperature monitor. The digital thermometer reports the temperature of two
remote sensors and its own die temperature. The remote sensors are diode-connected transistors—typically a low-
cost, easily mounted 2N3906 PNP type—that replace conventional thermistors or thermocouples. Remote accuracy
is ±1°C for multiple transistor manufacturers with no calibration necessary. The remote channels can also measure
the die temperature of other ICs, such as microprocessors, that contain a substrate-connected PNP with its
collector grounded and its base and emitter available for temperature-sensing purposes. The temperature is digitized
with 11-bit resolution.
The MAX6656 also measure it’s own supply voltage and three external voltages with 8-bit resolution. Each voltage
input's sensitivity is set to give approximately 3/4-scale output code when the input voltage is at its nominal value.
The MAX6656 operates on a +3.3V supply and its second voltage monitor is 5V.
The 2-wire serial interface accepts standard SMBus™ Write Byte, Read Byte, Send Byte, and Receive Byte
commands to program the alarm thresholds and to read data. The MAX6656 also provide SMBus alert response and
timeout functions. The MAX6656 measures automatically and autonomously, with the conversion rate
programmable. The adjustable rate allows the user to control the supply current.
In addition to the SMBus ALERT -bar output, the MAX6656 features an OVERT -bar output, which is used as a
temperature reset that remains active only while the temperature is above the maximum temperature limit. The
OVERT-bar output is optimal for fan control or for system shutdown.
B. Absolute Maximum Ratings
Item
Rating
VCC to GND
-0.3V to +6V
DXN_ to GND
-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT, STBY, OVERT to GND
-0.3V to +6V
VIN1 to GND
-0.3V to +16V
VIN2 to GND
-0.3V to +6V
VIN3 to GND
-0.3V to +6V
All Other Pins to GND
-0.3V to (VCC + 0.3V)
SMBDATA, ALERT, OVERT Current
-1mA to +50mA
DXN_ Current
±1mA
Operating Temperature Range
-55°C to +125°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Continuous Power Dissipation (+70
°C)
16-Pin QSOP
667mW
Derates above +70
°C
16-Pin QSOP
8.3mW/
°C


Similar Part No. - MAX6656MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6656MEE MAXIM-MAX6656MEE Datasheet
255Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 0; 7/01
MAX6656MEE MAXIM-MAX6656MEE Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
MAX6656MEE MAXIM-MAX6656MEE Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
More results

Similar Description - MAX6656MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com